Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 34 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 30Page - STMicroelectronics PM6652 Datasheet HTML 31Page - STMicroelectronics PM6652 Datasheet HTML 32Page - STMicroelectronics PM6652 Datasheet HTML 33Page - STMicroelectronics PM6652 Datasheet HTML 34Page - STMicroelectronics PM6652 Datasheet HTML 35Page - STMicroelectronics PM6652 Datasheet HTML 36Page - STMicroelectronics PM6652 Datasheet HTML 37Page - STMicroelectronics PM6652 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Device description
PM6652
34/53
Doc ID 16867 Rev 5
In CPU and VR11 mode the soft-start programmed voltage is VBOOT; the output voltage is
driven to the VIDs programmed voltage value only after TBOOT delay. When the VR11
mode is selected the CLKEN# signal is not used as the output but only as the input pin.
Refer to
Section 8.2 section for details.
Figure 6 and Figure 7 show the different turn-on behavior for GFX mode and CPU/VR11
mode.
When the COREON control pin is pulled down or the shut-down VIDs sequence is selected,
VID[0,...,6]=[1111111], the turn-off sequence is performed. In order to avoid the output
voltage going under ground, the output capacitor is discharged through a dedicated 7
Ω
(typ.) internal discharge MOSFET, connected between the VOUT and SGND pins. When
VOUT voltage is lower than 100 mV the low-side external MOSFET is turned on. See
Figure 18 and Figure 19 for the soft-end waveform details.
Figure 36.
VDAC soft-start voltage slew-rate vs. capacitor value
Figure 34.
IMVP6.5 GFX mode startup
Figure 35.
IMPV6.5 CPU mode startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com