Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 33Page - STMicroelectronics PM6652 Datasheet HTML 34Page - STMicroelectronics PM6652 Datasheet HTML 35Page - STMicroelectronics PM6652 Datasheet HTML 36Page - STMicroelectronics PM6652 Datasheet HTML 37Page - STMicroelectronics PM6652 Datasheet HTML 38Page - STMicroelectronics PM6652 Datasheet HTML 39Page - STMicroelectronics PM6652 Datasheet HTML 40Page - STMicroelectronics PM6652 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
PM6652
Device description
Doc ID 16867 Rev 5
37/53
Equation 18
given
δV
LKG the voltage drop across the current sensing filter resistor, due to the CSNS pin
leakage current (see
Equation 13) and
δR
TH/RSNS the current sensing element variation due
to temperature increase.
If the current monitoring function is not required, IMONFB should be connected to SVCC
and IMON can be left floating.
CFILT (Figure 39) can be required by the CPU/GPU in order to filter the current monitor
ripple due to inductor current ripple.
Equation 19
A typical value for CFILT is 47 nF or bigger (IMVP6.5 specifications suggest
CFILT*RIMON>=300 µs).
The IMON voltage is limited to 1.15 V (maximum value), as required by IMVP6.5
specifications, in order to avoid any damage to the CPU. This feature is performed by
limiting the current injected by the PM6652 IMON pin into the RIMON resistor.
Figure 39.
Current monitor with external components
8.10.3
Thermal throttling
The voltage regulator thermal throttling function is used by the CPU in order to avoid
catastrophic thermal damage.
The VRTT# open drain output pin is forced down when the THERM voltage is lower than an
internal threshold (1.0 V typ. and 200 mV hysteresis). An external NTC resistor, placed near
⎟⎟⎠
⎞
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎞
⎜⎜⎝
⎛
⋅
⋅
+
δ
=
δ
SNS
TH
AVCL
SNS
SNS
LKG
AVCL
WC
,
AVCL
AVCL
AVCL
R
R
I
R
G
V
I
I
I
I
DCR
IMON
FILT
R
L
R
C
≥
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com