Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 39 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 35Page - STMicroelectronics PM6652 Datasheet HTML 36Page - STMicroelectronics PM6652 Datasheet HTML 37Page - STMicroelectronics PM6652 Datasheet HTML 38Page - STMicroelectronics PM6652 Datasheet HTML 39Page - STMicroelectronics PM6652 Datasheet HTML 40Page - STMicroelectronics PM6652 Datasheet HTML 41Page - STMicroelectronics PM6652 Datasheet HTML 42Page - STMicroelectronics PM6652 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
PM6652
Device description
Doc ID 16867 Rev 5
39/53
8.10.6
Overcurrent protection
The PM6652 controller can limit the maximum load current by skipping one or more
switching cycles if the valley current limit is detected. The current limit sensing is
independent from the current sensing for droop and IMON functions. Basically, the voltage
drop sensed between the PGND and PHASE pins, when the low-side MOSFET is on, is
compared with the voltage across the external RILIM resistor. The following equation helps to
program the valley current limit value (see
Figure 41):
Equation 20
Figure 41.
Valley current limit circuitry
The maximum programmable voltage on pin ILIM is 3.5 V (typ.); as a consequence the
maximum effective RILIM resistor is about 700 kΩ.
If, starting from the previous equation, a higher resistance is required the resulting low-side
MOSFET ON-resistance is not adequate for the designed application.
The maximum available load current, with the valley current limit technique, is equal to:
Equation 21
i.e. the maximum available current is the sum of the valley current limit value plus the half of
the inductor current ripple. The valley current limit is sensed each switching cycle, during
TOFF time (when the low-side MOSFET is turned on). This fault protection is not latched but
the typical behavior is the one shown in
Figure 42:
()
PHASE
PGND
ILIM
V
V
20
A
5
R
−
⋅
=
µ
⋅
L
2
1
VCL
MAX
,
LOAD
I
I
I
∆
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com