Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 65 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 65 Page - ams AG

Back Button AS3910 Datasheet HTML 61Page - ams AG AS3910 Datasheet HTML 62Page - ams AG AS3910 Datasheet HTML 63Page - ams AG AS3910 Datasheet HTML 64Page - ams AG AS3910 Datasheet HTML 65Page - ams AG AS3910 Datasheet HTML 66Page - ams AG AS3910 Datasheet HTML 67Page - ams AG AS3910 Datasheet HTML 68Page - ams AG AS3910 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 65
Appl icatio n I n f o rm a t i o n
Antenna Calibration Using Command Calibrate Antenna
The calibration of LC tank resonance frequency is automatically
done by running the direct command Calibrate Antenna. During
execution of this command the comparator at the output of
Phase Detector is used. In case the LC tank resonance frequency
is higher than the target 13.56MHz, the Phase Detector output
gets higher than VSP/2 and the comparator output is high. In
the opposite case, when the resonance frequency is lower, the
Phase Detector output gets lower than VSP/2 and the
comparator output is low.
At the beginning of the command Calibrate Antenna execution
the switches in all TRIM pads are turned off. As consequence all
the trimming capacitors are disconnected so in case the LC tank
dimensioning is correct the resonance frequency has to be
higher than the target and the comparator output has to be
high. In case the comparator output is low at this initial state
the resonance frequency is too low even when all the trimming
capacitor are disconnected and adjusting of the resonance
frequency is not possible. An error flag is set and execution of
the command is terminated.
In case the comparator output was high at the initial state, the
LSB switches (TRIM1_0 and TRIM2_0) are switched on and after
10μs state of the comparator output is checked again. This
procedure is repeated until the comparator output transitions
to low or until the final state with all switches turned on is
reached. The switch state at which the comparator output is
transitional is the one at which the LC tank is in resonance.
In case the state with all switched turned on was reached and
the comparator output is still high, the resonance frequency is
too high even when all the capacitors are connected and the
adjusting is not possible. The error flag is set.
The result of the direct command Calibrate Antenna can be
observed by reading the Antenna Calibration Register (#0E). This
register displays the state of four bits representing state of the
switches when resonance was reached and the error flag.
After the execution of direct command Calibrate Antenna the
resonance can be checked by running the direct command
Check Antenna Resonance.
Antenna Calibration Using External Trim Register
There is also a possibility to control the position of the TRIM
switches by writing the External Trim Register (#0F). When the
bit trim_s of this register is set to 1 position of the trim switches
is controlled by bits tre_3 to tre_0. Using this register and the
direct command Check Antenna Resonance a trimming
procedure may be implemented from externally.
Another possibility of external trimming procedure is using this
register and the direct command Measure RF. In this case the
resonance is adjusted by looking for operating point with the
maximum amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com