Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 60 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 60 Page - ams AG

Back Button AS3910 Datasheet HTML 56Page - ams AG AS3910 Datasheet HTML 57Page - ams AG AS3910 Datasheet HTML 58Page - ams AG AS3910 Datasheet HTML 59Page - ams AG AS3910 Datasheet HTML 60Page - ams AG AS3910 Datasheet HTML 61Page - ams AG AS3910 Datasheet HTML 62Page - ams AG AS3910 Datasheet HTML 63Page - ams AG AS3910 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
AS3909/AS3910 – 60
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
AM Modulation Depth: Definition and
Calibration
The AM modulation of the transmitted carrier is used for
communication reader to transponder in two configuration
cases:
• The ISO-14443B mode is configured in the ISO Mode
Definition Register (#01)
• The Transparent mode with AM modulation [direct
command Transparent Mode, the bit 6(am) of the
Configuration Register 5 (#05) is set to 1]
In other cases the OOK modulation is used.
The AM modulation depth can be automatically adjusted by
setting the Modulation Depth Definition Register (#10) and
sending the direct command Calibrate Modulation Depth. This
procedure is patent pending. There is also an alternative
possibility where the command Calibrate Modulation Depth is
not used and the modulated level is defined by writing the
Antenna driver AM Modulated Level Definition Register (#12).
AM Modulation Depth Definition Using Direct
Command Calibrate Modulation Depth
Before sending the direct command Calibrate Modulation Depth
the Modulation Depth Definition Register (#10) has to be
configured in the following way:
•The bit 7 (am_s) has to be set to 0 to chose definition by
the command Calibrate Modulation Depth.
• The bits 6 to 1 (mod5 to mod0) define target AM
modulation depth.
Definition of Modulation Depth Using Bits mod5 to mod0
The RFID standard documents usually define the AM
modulation level in form of the modulation index. The
modulation index is defined by formula (a-b)/(a+b) where ‘a’ is
amplitude of the non-modulated carrier and ‘b’ is the amplitude
of the modulated carrier.
The modulation index specification is different for different
standards. The ISO-14443B modulation index is typically 10%
with allowed range from 8% to 14%, range from 10 to 30% is
defined in the ISO-15693 and 8% to 30% in the Felica™.
The bits mod5 to mod0 are used to calculate the amplitude of
the modulated level. The non-modulated level which was
before measured by the A/D converter and stored in an 8 bit
register is divided by a binary number in range from 1 to 1.98.
The bits mod5 to mod0 define binary decimals of this number.
Example: In case of the modulation index 10% the modulated
level amplitude is 1.2222 times lower than the non-modulated
level. 1.2222 converted to binary and truncated to 6 decimals
is 1.001110. So in order to define the modulation index 10% the
bits mod5 to mod0 have to be set to 001110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com