Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 57 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 57 Page - ams AG

Back Button AS3910 Datasheet HTML 53Page - ams AG AS3910 Datasheet HTML 54Page - ams AG AS3910 Datasheet HTML 55Page - ams AG AS3910 Datasheet HTML 56Page - ams AG AS3910 Datasheet HTML 57Page - ams AG AS3910 Datasheet HTML 58Page - ams AG AS3910 Datasheet HTML 59Page - ams AG AS3910 Datasheet HTML 60Page - ams AG AS3910 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 57
Appl icatio n I n f o rm a t i o n
ISO-14443A SELECT SEQUENCE
In the 14443A select sequence the commands REQA (also
WUPA), ANTICOLLISION and SELECT are used. For the
commands REQA and WUPA the short frame is used, for
ANTICOLLISION the bit oriented anticollision frame is used, for
SELECT the standard frame is used. Transponder replies to
commands REQA, WUPA and ANTICOLLISION do not contain the
CRC so the configuration bit crc_rx of the Configuration Register
3 (address 03) has to be set to 1 (receive without CRC) before
these commands are sent.
REQA and WUPA
Sending of these two commands is simple since they are
implemented as the AS3909/10 direct commands (Transmit
REQA and Transmit WUPA). Procedure is the following (note that
since the ATQA response does not contain a CRC the
configuration bit crc_rx of the Configuration Register 3 (address
#03) has to be set to 1 before this procedure is started):
1.
Send the direct command Transmit REQA (or Transmit
WUPA)
2.
When all the data is transmitted an interrupt is sent to
inform the microcontroller that transmission is finished
(INTR due to end of transmission)
3.
When reception of the ATQA is finished and all data is
in the FIFO an interrupt is sent to the microcontroller
(INTR due to end of receive), additionally the FIFO Status
Register displays number of bytes (2 bytes in case of
ATQA) in the FIFO so the microcontroller can proceeded
with downloading data from the FIFO.
Sending the direct command Clear before sending Transmit
REQA and Transmit WUPA is not necessary.
ANTICOLLISION
In this command, the bit oriented anticollision frame is used.
There is no CRC, neither in the command send from PCD to PICC
(part 1 of the bit oriented anticollision frame), nor in the reply
sent from PICC to PCD (part 2 of the bit oriented anticollision
frame). Due to this configuration the bit crc_rx of the
Configuration Register 3 (address #03) has to be set to 1 before.
Sequence in case full bytes are transmitted (no collision during
the transponder response):
1.
Send the direct command Clear
2.
Define the number of transmitted bytes for part1 of the
bit oriented anticollision frame in the registers #0B and
#0C. Bit 0 (antcl) of register #0B has to be additionally
set to 1 to indicate that anticollision frame is sent.
3.
Write the bytes to be transmitted in the FIFO
4.
Send the direct command Transmit without CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com