Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 8 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 8 Page - ams AG

Back Button AS3910 Datasheet HTML 4Page - ams AG AS3910 Datasheet HTML 5Page - ams AG AS3910 Datasheet HTML 6Page - ams AG AS3910 Datasheet HTML 7Page - ams AG AS3910 Datasheet HTML 8Page - ams AG AS3910 Datasheet HTML 9Page - ams AG AS3910 Datasheet HTML 10Page - ams AG AS3910 Datasheet HTML 11Page - ams AG AS3910 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
AS3909/AS3910 – 8
ams Datasheet, Confidential: 2013-Oct [3-02]
E l ec t r i c al C h a r ac teri sti c s
Electrical Specification
VDD = 3.3V, Temperature = 25ºC, unless otherwise noted.
Figure 9:
Electrical Characteristics
RO
Output Resistance
250
500
Ω
SPI Timing
TSENL
SPI reset (SEN low)
100
ns
TSCLKL
SCLK low
100
ns
TSCLKH
SCLK high
100
ns
TSENCLKR
SEN rising to SCLK rising
first SCLK pulse
50
ns
TSENCLKF
SCLK falling to SEN falling
last SCLK pulse
50
ns
Symbol
Parameter
Comments
Min
Typ
Max
Unit
IPD
Supply current in Power-down
mode
0.3
2
μA
INFC
Supply current in Initial NFC
target mode
3.5
7
μA
IRD
Supply current in Ready mode
13.56 MHz Xtal used,
MCU_CLK disabled
23
mA
IRA
Supply current Receiver active
13.56 MHz Xtal used,
MCU_CLK disabled
57
mA
ILP
Supply current Receiver active,
low power mode
35
mA
RRFO
RFO1 and RFO2 driver output
resistance
IRFO=10mA
All segments ON
1.5
4
Ω
VRFI
RFI input sensitivity
fSUB=848kHz
(1)
0.5
mVrms
VRFI_LP
RFI input sensitivity, low power
receiver mode
fSUB=848kHz
1.5
mVrms
RRFI
RFI input resistance
10
kΩ
VPOR
Power on Reset Voltage
1.0
1.4
<2.4
V
VAGD
AGD voltage
1.4
1.5
1.6
V
VAR
Regulator drop
After execution of direct
command Adjust
Regulators
250
mV
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com