Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 58 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 58 Page - ams AG

Back Button AS3910 Datasheet HTML 54Page - ams AG AS3910 Datasheet HTML 55Page - ams AG AS3910 Datasheet HTML 56Page - ams AG AS3910 Datasheet HTML 57Page - ams AG AS3910 Datasheet HTML 58Page - ams AG AS3910 Datasheet HTML 59Page - ams AG AS3910 Datasheet HTML 60Page - ams AG AS3910 Datasheet HTML 61Page - ams AG AS3910 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
AS3909/AS3910 – 58
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
5.
When all the data is transmitted an interrupt is sent to
inform the microcontroller that transmission is finished
(INTR due to end of transmission)
6.
When the reception of part2 of the bit oriented
anticollision frame is finished and there was no collision
detected, data is put in the FIFO and an interrupt is sent
to microcontroller (INTR due to end of receive),
additionally the FIFO Status Register displays the number
of bytes in the FIFO, so the microcontroller can
proceeded with downloading data from the FIFO.
Sequence in case of a split byte (no collision during transponder
response):
1.
Send the direct command Clear
2.
Define the number of full bytes and the number of bits
in the split byte to be transmitted in the registers #0B
and #0C (bits ntx define the number of full bytes, bits
nbtx in register #0B define the number of bits in the split
byte). Bit 0 (antcl) of register #0B has to be additionally
set to 1 to indicate that anticollision frame is sent.
3.
Write the bytes to be transmitted in FIFO. Since the SPI
communication is byte oriented 8 bits have to
transferred also for split byte (sent last), the MSB bits of
split byte which are not transmitted are don’t care.
4.
Send the direct command Transmit Without CRC
5.
When all the data is transmitted an interrupt is sent to
inform the microcontroller that the transmission is
finished (INTR due to end of transmission)
6.
When the reception of part2 of the bit oriented
anticollision frame is finished and there was no collision
detected, data is put in the FIFO and an interrupt is sent
to the microcontroller (INTR due to end of receive),
additionally the FIFO Status Register displays the number
of bytes in the FIFO so the microcontroller can
proceeded with downloading data from the FIFO. First
downloaded byte contains second part of the split byte,
so only the MSB part of byte which was not sent during
transmit is valid.
Collision Detection
The AS3909/10 Framing block is able to detect the bit collision
in case of presence of more ISO-14443A transponders. This
feature is very useful during the select sequence. The collision
is detected during the ANTICOLLISION command (different
transponders have different UIDs); it may already be detected
in the ATQA (answer to REQA or WUPA). When the bit collision
is detected an interrupt is sent (INTR due to collision) and the
bit at which collision occurred is indicated in the Collision
Register (#0A). In case of anticollision frame (indicated to the
AS3909/10 by bit 0 of register #0B) the bit collision position
displayed in Collision Register is counted from beginning of
anticollision frame (including the part which is transmitted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com