Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 28 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 28 Page - ams AG

Back Button AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG AS3910 Datasheet HTML 31Page - ams AG AS3910 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
AS3909/AS3910 – 28
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
FIFO Water Level and FIFO Status Register
The AS3909/10 contains a 32 byte FIFO. In case of transmitting
the Control logic shifts data which was previously loaded by the
external microcontroller to the Framing Block and further to the
Transmitter. During reception, the demodulated data is stored
in the FIFO and the external microcontroller can download
received data once reception was terminated.
Transmit and receive capability the AS3909/10 is not limited by
of the FIFO size due to a FIFO water level interrupt system.
During transmission an interrupt is sent (interrupt due to FIFO
water level) when the content of data in the FIFO which still
need to be sent is lower than the FIFO water level for receive.
The external microcontroller can now add more data in the FIFO.
The same stands for receive mode. In case the number of
received bytes gets over the FIFO water level for receive an
interrupt is sent to inform the external controller that data has
to be downloaded from FIFO.
The external controller has to serve the FIFO faster than data is
transmitted or received. A general rule is that the SCLK
frequency has to be at least double than the actual data rate in
receive or transmit.
There are two settings of the FIFO water level available for
receive and transmit in Configuration Register 5 (#05).
After data is received the external microcontroller needs to
know how long the receive data string was before downloading
data from the FIFO: This information is available in the FIFO
Status Register (#09) which displays number of bytes in the FIFO
which were not read out.
The FIFO Status Register also contains a FIFO overflow bit. This
bit is set when during reception the external processor did not
react on time and more than 32 bytes were written in FIFO. The
received data is of course lost in such a case.
Direct Commands
Figure 20:
List of Direct Commands
Code
Command
Comments
000001
Set default
Puts the AS3909/10 in default state (same as after
power-up)
000010
Clear
Stops all activities and clears FIFO
000100
Transmit with CRC
Starts a transmit sequence using automatic CRC
generation
000101
Transmit without CRC
Starts a transmit sequence without automatic CRC
generation
000110
Transmit REQA
Transmits REQA command (ISO-14443A mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com