Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 29 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 29 Page - ams AG

Back Button AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG AS3910 Datasheet HTML 31Page - ams AG AS3910 Datasheet HTML 32Page - ams AG AS3910 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 29
Appl icatio n I n f o rm a t i o n
Note(s) and/or Footnote(s):
1. Only available in AS3910.
Set Default
This direct command puts the AS3909/10 in the same state as
power-up initialization. All registers are initialized to the default
state. Please note that results of different calibration and adjust
commands are also lost. This direct command is accepted in all
operating modes.
000111
Transmit WUPA
Transmits WUPA command (ISO-14443A mode only)
001000
NFC transmit with Initial RF
Collision Avoidance
Equivalent to Transmit with CRC with additional RF
Collision Avoidance
001001
NFC transmit with Response
RF Collision Avoidance
Equivalent to Transmit with CRC with additional RF
Collision Avoidance
001010
NFC transmit with Response
RF Collision Avoidance with
n=0
Equivalent to Transmit with CRC with additional RF
Collision Avoidance
010000
Mask receive data
Receive after this command is ignored
010001
Unmask receive data
Receive data following this command is normally
processed (this command has priority over internal
mask receive timer)
010010
AD convert
A/D conversion of signal on AD_IN pin is performed,
result is stored in A/D Converter Output Register
010011
Measure RF
RF amplitude is measured, result is stored in A/D
Converter Output Register
010100
Squelch
Performs gain reduction based on the current noise
level.
010101
Clear Squelch
Resumes gain settings which were in place before
sending Squelch command
010110
Adjust regulators
Adjusts supply regulators according to the current
supply voltage level
010111
Calibrate modulation depth
Starts sequence which activates the TX, measures the
modulation depth and adapts it to comply with the
specified modulation depth
011000
Calibrate antenna (1)
Starts the sequence to adjust parallel capacitances
connected to TRIMx pins so that the antenna LC is in
resonance.
011001
Check antenna resonance
Measurement of antenna LC tank resonance to
determine whether calibration is needed.
011010
Clear RSSI
Clears RSSI bits and restarts the measurement
011100
Transparent mode
Enter in Transparent mode
Code
Command
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com