Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 40 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 40 Page - ams AG

Back Button AS3910 Datasheet HTML 36Page - ams AG AS3910 Datasheet HTML 37Page - ams AG AS3910 Datasheet HTML 38Page - ams AG AS3910 Datasheet HTML 39Page - ams AG AS3910 Datasheet HTML 40Page - ams AG AS3910 Datasheet HTML 41Page - ams AG AS3910 Datasheet HTML 42Page - ams AG AS3910 Datasheet HTML 43Page - ams AG AS3910 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
AS3909/AS3910 – 40
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Figure 28:
Receiver Configuration Register
Note: Default setting is set at power up and after Set Default command, filter selection bits are preset also when ISO mode or receive
data rate change.
Address # 06: Receiver Configuration Register
Type: RW
Bit
Name
Def.
Function
Comments
7
agc_en
0
1
→ AGC is enabled
AGC operation
mode
6
agc_m
0
1
→ AGC operate on first eight subcarrier pulses
0
→ AGC operate during complete receive period
5rg2
0
rg2
rg1
rg0
Gain reduction
Gain reduction in
3dB steps. From 0
to 21dB.
4rg1
0
0
0
0
0
3rg0
0
00
1
3 dB
-
-
-
-
-
-
-
-
11
1
21 dB
2fs2
0
fs2
fs1
fs0
Filter
Selection
Comment
Filter selection is
automatically set
when ISO mode
or receive data
rate change
(Change of ISO
mode definition
register). After
automatic preset
filter, selection
can be changed
by writing these
bits.
1fs1
0
0
0
0
ISO-14443A
106 kb/s
Automatic
preset
0fs0
0
00
1
ISO-14443B
106 kb/s
Automatic
preset
01
0
ISO-14443A/
B 212 kb/s
Automatic
preset
01
1
ISO-14443A/
B 424 kb/s
Automatic
preset
10
0
ISO-14443A/
B 848 kb/s
Automatic
preset
11
0
424/484 kHz
subcarriers
No
automatic
preset
11
1
212 kHz
No
automatic
preset
Other combinations not
supported or used for block
testing purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com