Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 16 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 16 Page - ams AG

Back Button AS3910 Datasheet HTML 12Page - ams AG AS3910 Datasheet HTML 13Page - ams AG AS3910 Datasheet HTML 14Page - ams AG AS3910 Datasheet HTML 15Page - ams AG AS3910 Datasheet HTML 16Page - ams AG AS3910 Datasheet HTML 17Page - ams AG AS3910 Datasheet HTML 18Page - ams AG AS3910 Datasheet HTML 19Page - ams AG AS3910 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
AS3909/AS3910 – 16
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Filter setting is done automatically when ISO mode and data
rate are chosen by writing ISO Mode Definition Register. Setting
is displayed in the Receiver Configuration Register (#06) and can
be changed by rewriting this register. In transparent mode ISO
mode register is not used and Filter selection has to be done by
writing Receiver Configuration register (#06).
By setting the Operation Control Register bit rx_lp receiver
operates in low power mode. In this mode, power consumption
is lower but as consequence also receiver sensitivity is reduced
(see “Electrical Characteristics” on page 7).
Gain Reduction, AGC and Squelch
The total gain of receiver chain is 160. In certain conditions it is
desirable to reduce this gain. There are several features
implemented in the Receiver to reduce this gain.
Automatic Gain Reduction (AGC)
AGC (automatic gain control) feature is useful in case the
transponder is close to the reader. In such conditions receiver
chain is in saturation and demodulation can be influenced by
system noise and saturation of last gain stage. When AGC is
switched on receiver gain is reduced so that the input to
digitizer stage is not saturated. The AGC system comprises a
window comparator which has its window three times larger
than window of digitalization window comparator. When the
AGC function is enabled gain is reduced until there are no
transitions on its output. Such procedure assures that the input
to digitalization window comparator is less than three times
larger than its window.
AGC operation is controlled by the Receiver Configuration
Register (#06) bits agc_en and agc_m. Agc_en bit enables AGC
operation, agc_m defines AGC operating mode. The AGC action
is started 20μs after rising edge of signal rx_on. In case agc_m
bit is 0 it will operate during a complete receive period, in case
it is 1 it will operate on first 8 subcarrier pulses. The AGC is
reducing gain to -21dB in 7 steps of 3dB. When signal rx_on is
low AGC is in reset.
Squelch
This feature is designed to avoid demodulation problems of
transponders which produce a lot of noise during data
processing which takes place when the data sent by the reader
is being processed and an answer prepared. It can also be used
in noisy environment. Transponder processing noise (or
environment noise) may be misinterpreted as start of
transponder response which results in reader decoding error.
These problems are avoided by reducing receiver gain so that
there are no transitions of output when noise is present. This is
done by sending direct command Squelch.
During execution of the direct command Squelch the digital
output of receiver (output of window comparator mentioned
above) is observed. In case there are more than two transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com