Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 55 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 55 Page - ams AG

Back Button AS3910 Datasheet HTML 51Page - ams AG AS3910 Datasheet HTML 52Page - ams AG AS3910 Datasheet HTML 53Page - ams AG AS3910 Datasheet HTML 54Page - ams AG AS3910 Datasheet HTML 55Page - ams AG AS3910 Datasheet HTML 56Page - ams AG AS3910 Datasheet HTML 57Page - ams AG AS3910 Datasheet HTML 58Page - ams AG AS3910 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 55
Appl icatio n I n f o rm a t i o n
the FIFO Status Register displays the number of bytes in the FIFO
so the microcontroller can proceeded with downloading the
data.
In case there was an error or bit collision detected during
reception, an interrupt with appropriate flag is sent.
Microcontroller has to take appropriate action.
In case of an error it usually repeats the command; it can also
check the RSSI level in the Receiver State Display Register and
change the AM/ PM mode in case the RSSI is low.
In case of a bit collision it will consult the Collision Register to
determine in which bit there was collision.
Transmit and Receive In Case Data Packet is Longer Than
FIFO
In case a data packet is longer than FIFO the sequence explained
above is modified.
Before transmit the FIFO is filled. During transmit an interrupt
is sent when remaining number of bytes is lower than the water
level (INTR due to FIFO water level). The microcontroller in turn
adds more data in the FIFO. When all the data is transmitted an
interrupt is sent to inform the microcontroller that transmission
is finished.
During reception situation is similar. In case the FIFO is loaded
with more data than the receive water level, an interrupt is sent
and the microcontroller in turn reads the data from the FIFO
(additionally to the interrupt the FIFO Status Register displays
the number of bytes which were not read out). When reception
is finished an interrupt is sent to the microcontroller (INTR due
to end of receive), additionally the FIFO Status Register displays
the number of bytes in the FIFO which are still to be read out.
NFCIP-1 Operation
Only the NFCIP-1 106 kbps active mode is supported.
For operation in this mode, the bit nfc has to be set in the ISO
Mode Definition Register.
Next the NFCIP Field Detection Threshold Register (address #14)
has to be written to define the thresholds for Target activation
and RF Collision avoidance (see “External Field Detector” on
page 19).
Please note that in the NFC mode the transmitter enable bit
(tx_en) is never set in the Operation Control Register. The
transmitter is activated automatically by the NFC transmit
commands).
NFCIP Target
The AS3909/10 enters in the Initial NFC Target mode by setting
the nfc_t bit in the Operation Control Register. In this low power
mode only the Target Activation Detector is running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com