Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 64 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 64 Page - ams AG

Back Button AS3910 Datasheet HTML 60Page - ams AG AS3910 Datasheet HTML 61Page - ams AG AS3910 Datasheet HTML 62Page - ams AG AS3910 Datasheet HTML 63Page - ams AG AS3910 Datasheet HTML 64Page - ams AG AS3910 Datasheet HTML 65Page - ams AG AS3910 Datasheet HTML 66Page - ams AG AS3910 Datasheet HTML 67Page - ams AG AS3910 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
AS3909/AS3910 – 64
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Calibrate Antenna Resonance3
In order to implement the antenna LC tank calibration binary
weighted trimming capacitors have to be connected between
the two coil terminals to the pads TRIM1_3 to TRIM1_0 and
TRIM2_3 to TRIM2_0. In case single driver is used only the pads
TRIM1_3 to TRIM1_0 are used, pads TRIM2_3 to TRIM2_0 are left
open.
Figure 51 depicts connection of the trim capacitors for both,
single and differential driving. The TRIM pads contain the
HVNMOS switch transistors to VSS. During trimming procedure
the resonance frequency is adjusted by connecting some of the
trimming capacitors to VSS and leaving others floating.
The switches of the same binary weight are driven from the
same source and are both on or off (the switches TRIM1_2 and
TRIM2_2 are for example both either on of off ).
The breakdown voltage of the HVNMNOS switch transistors is
30V, which limits the maximum peak to peak voltage on LC tank
in case trimming is used. The on resistance of TRIM1_0 and
TRIM2_0 switch transistors which are meant to be connected
to LSB trimming capacitor is typ 50
Ω at 3V VSP, the on resistance
of other pads is binary weighted (the on resistance of TRIM1_3
and TRIM2_3 is 6.25
Ω).
Figure 51:
Connection of Trimming Capacitors to the Antenna LC Tank in case of Single (left) and Differential
Driving (right)
3. Only available in AS3910.
TRIM 1_0
TRIM 1_1
TRIM 1_2
TRIM 1_3
RF01
RF02
RFI 1
RFI 2
Antenna
TRIM 2_3
TRIM 2_2
TRIM 2_1
TRIM 2_0
TRIM 1_0
TRIM 1_1
TRIM 1_2
TRIM 1_3
RF01
RF02
RFI 1
RFI 2
½ Antenna
½ Antenna
TRIM 2_3
TRIM 2_2
TRIM 2_1
TRIM 2_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com