Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 67 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 67 Page - ams AG

Back Button AS3910 Datasheet HTML 63Page - ams AG AS3910 Datasheet HTML 64Page - ams AG AS3910 Datasheet HTML 65Page - ams AG AS3910 Datasheet HTML 66Page - ams AG AS3910 Datasheet HTML 67Page - ams AG AS3910 Datasheet HTML 68Page - ams AG AS3910 Datasheet HTML 69Page - ams AG AS3910 Datasheet HTML 70Page - ams AG AS3910 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 67
Appl icatio n I n f o rm a t i o n
Active Receive – Use in ISO-14443B
Anticollision
Usually the microcontroller does not need information about
beginning of the transponder message, it gets an interrupt once
reception is finished or earlier in case the transponder message
is longer than the FIFO.
In some cases the information about the fact that the receiver
is already processing a message from the transponder is useful.
The bit rx_act in the FIFO Status Register (address 09) provides
this information. This bit is set to 1 when start of the
transponder message is detected and stays high until the end
of reception.
This information can be used to speed up the ISO-14443B
anticollision procedure when more slots are used. In case there
is no message in a certain slot the reader does not have to wait
the time message ATQB takes before sending the next
Slot-MARKER command, it can send it as soon as it is clear that
there is no answer in that particular slot. The microcontroller
can obtain this info by reading the rx_act flag at the time the
receiver should already be processing the ATQB message. In
case rx_act flag is set to one the receiver is processing a message
and the microcontroller has to wait for the end of receive
interrupt, in opposite case when the rx_act flag is set to zero
there is no ATQB message in that particular slot and the next
Slot-MARKER command can be sent immediately.
ISO-14443B, Reduction of TR0 and TR1 and
Suppression of EOF/SOF in PICC Response
The ISO-14443-3 standard, chapter 7.10.3 Coding of Param 1
defines possibility to reduce the TR0 and TR1 and suppress the
EOF/SOF in PICC response.
Note(s):The AS3909/10 Receiver and Framing blocks do not
support the reduction of TR0 and TR1 and suppression of
EOF/SOF. In case default settings of these parameters are
changed, the framing block will not be able to decode the PICC
response.
Test Pins
Pins TEST and TIO are used to test the AS3909/10. Pin TEST is a
digital pin with pull down, it is used to enter the test mode, pin
TIO is used in test mode as a digital IO, in normal mode it is in
tristate. It is recommended to connect pin TEST to VSS and to
leave pin TIO open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com