Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 50 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 50 Page - ams AG

Back Button AS3910 Datasheet HTML 46Page - ams AG AS3910 Datasheet HTML 47Page - ams AG AS3910 Datasheet HTML 48Page - ams AG AS3910 Datasheet HTML 49Page - ams AG AS3910 Datasheet HTML 50Page - ams AG AS3910 Datasheet HTML 51Page - ams AG AS3910 Datasheet HTML 52Page - ams AG AS3910 Datasheet HTML 53Page - ams AG AS3910 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
AS3909/AS3910 – 50
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Regulator Registers
Figure 45:
Regulators Display Register
Note: At power up and after Set Default command, regulated voltage is set to maximum 3.4V.
Figure 46:
Regulated Voltage Definition Register
Note: Default setting is set at power up and after Set Default command.
Address # 15: Regulators Display
Register
Type: R
Bit
Name
Function
Comments
7
reg_3
MSB
This register displays actual regulated voltage when
regulator is operating.
In Power-down mode, its content is forced to 00. See
Figure 47 for definition.
6reg_2
5reg_1
4
reg_0
LSB
3
Not used
2
1
0
Address # 16: Regulated Voltage Definition Register
Type: RW
Bit
Name
Def.
Function
Comments
7reg_s
0
0
→ regulated voltages are defined by
result of Adjust regulators command
1
→ regulated voltages are defined by
rege_x bits written in this register
Defines mode of regulator voltage
setting
6rege_3
0
MSB
External definition of regulated
voltage.
See Figure 47 for definition.
5rege _2
0
4rege _1
0
3rege _0
0
LSB
2
Not used
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com