Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 25 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 25 Page - ams AG

Back Button AS3910 Datasheet HTML 21Page - ams AG AS3910 Datasheet HTML 22Page - ams AG AS3910 Datasheet HTML 23Page - ams AG AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 25
Appl icatio n I n f o rm a t i o n
Reading of Data from Addressable Registers (READ
Mode)
The command control Byte for a read command consists of a
command code and an address. After the command code, the
address of register to be read has to be provided from the MSB
to the LSB. Then one or more data bytes can be transferred from
the SPI slave to the master, always from the MSB to the LSB. As
in case of the write command also the read command supports
auto-incrementing address. To transfer bytes from consecutive
addresses, SPI master has to keep the SEN signal high and the
SCLK has to be active as long as data need to be read from the
slave.
SDATAI is sampled at the falling edge of SCLK (like shown in the
following diagrams), data to be read from the AS3909/10
internal register is driven to SDATAO pin on rising edge of SCLK
and is sampled by the master (μC) at the falling edge of SCLK.
A SEN LOW pulse has to be performed after register data has
been transferred in order to indicate the end of the READ
command and prepare the Interface to the next command
control Byte.
In case the register on defined address does not exist all 0 data
is sent to SDATAO. Figure 16 illustrates an example for reading
of a single byte.
Figure 16:
Reading of a Single Register Byte
Sending Direct Commands
Direct commands have no arguments, so a single byte is sent.
Command mode is entered if the SPI is started with two leading
ONE. After the COMMAND mode code 11 (see Figure 20), the
six bit command code is sent MSB to the LSB. The command is
executed on falling edge of SEN. During the direct command
execution, starting another activity over the SPI interface is not
allowed.
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
X
SEN falling
edge signals
end of READ
Mode
SCLK
raising edge
Data is moved
from Address
<A5-A0>
SCLK
falling edge
Data is
transferred
to µC
SDATAI
SCLK
SEN
X
X
SDATAO
SCLK
falling edge
Data is sampled
SCLK raising
edge data is
transferred from
µC
01 pattern indi-
cates READ
Mode
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com