Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 59 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 59 Page - ams AG

Back Button AS3910 Datasheet HTML 55Page - ams AG AS3910 Datasheet HTML 56Page - ams AG AS3910 Datasheet HTML 57Page - ams AG AS3910 Datasheet HTML 58Page - ams AG AS3910 Datasheet HTML 59Page - ams AG AS3910 Datasheet HTML 60Page - ams AG AS3910 Datasheet HTML 61Page - ams AG AS3910 Datasheet HTML 62Page - ams AG AS3910 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 59
Appl icatio n I n f o rm a t i o n
Please note that after getting an interrupt due to a collision, the
reader has to wait for the transponders to finish sending their
messages before sending a new command. The end of
transponder message is indicated by the End of Receive
interrupt. It may also happen that the interrupt due to collision
and due to end of receive are read at the same time (in case
reaction to the first interrupt is slow and collision happens at
the end of transponder message). Collision Register (#0A) can
be read after receiving collision interrupt while the FIFO can
only be read after receiving the End of Receive interrupt.
There is also a slight possibility that the end of message flag is
just written to the Interrupt Register while it is being erased at
the end of the Interrupt Register read due to the collision
interrupt. In such a case there is no end of receive interrupt. In
case it is not clear whether the receive logic is still processing
response the Active Receive bit (rx_act) in FIFO Status Register
can be consulted (See “ISO-14443B, Reduction of TR0 and TR1
and Suppression of EOF/SOF in PICC Response” on page 67 for
details about Active Receive bit).
SELECT
The SELECT command uses standard frame, response to the
SELECT command (SAK) contains also a CRC, so before sending
this command the configuration bit crc_rx of Configuration
Register 3 has to be reset back to 0. Since the SELECT command
contains CRC the direct command Transmit with CRC can be
used.
Receiving 4-Bit Tag Response Frame
Mifare Ultralight tag uses 4 bit response frame to indicate ACK
and NACK. The AS3909/10 framing expects that response frame
is composed of bytes (except in case of anticollision frame) and
it rejects a 4 bit response frame as an error (error due to receive
data coding). By setting the bit 1 (frm4l) of register #0B, a 4 bit
response frame is correctly processed and put in FIFO (MSB bits
of first byte). In case of setting this bit a standard frame response
is not processed correctly.
Response to Mifare Ultralight WRITE command is either ACK or
NACK. So in case of this command bit frm4 has to be set to
distinguish between the two possible 4 bit responses.
Response to READ command is either a standard frame, in case
command is correctly processed, or a NACK, in case of an error.
In this case the bit frm4 can not be used, interrupt due to receive
data coding error should be interpreted as a NACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com