Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 30 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 30 Page - ams AG

Back Button AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG AS3910 Datasheet HTML 31Page - ams AG AS3910 Datasheet HTML 32Page - ams AG AS3910 Datasheet HTML 33Page - ams AG AS3910 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
AS3909/AS3910 – 30
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Clear
This direct command stops all current activities (transmission
or reception) and clears FIFO. It also clears Collision and
Interrupt Registers. This command has to be sent first in a
sequence preparing a transmission (except in case of direct
commands Transmit REQA and Transmit WUPA).
Transmit Commands
All Transmit commands (Transmit with CRC, Transmit without
CRC, Transmit REQA and Transmit WUPA) are only accepted in
case the Transmitter is enabled (bit tx_en is set).
NFC Transmit Commands
The NFC transmit commands (NFC transmit with Initial RF
Collision Avoidance, NFC transmit with Response RF Collision
Avoidance, NFC transmit with Response RF Collision Avoidance
with n=0) are used to transmit requests and responses in the
NFC mode. Before actual transmission the RF Collision
avoidance with Collision avoidance threshold defined in the
NFCIP Field Detection Threshold Register is performed.
In the command NFC transmit with Response RF Collision
Avoidance n is randomly set in a range from 0 to 3, while in the
command NFC transmit with Response RF Collision Avoidance
with n=0 it is set to 0. In case collision is detected during the RF
Collision Avoidance the transmission is not done and an
interrupt is sent with flag INTR due to NFC event.
The NFC transmit commands switch on and off the transmission
block, setting the Operation control bit tx_en in the NFC mode
is not allowed.
Timing of the NFC transmit commands is according to the
ISO/IEC 18092 standard. For some timings the ISO/IEC 18092
specifies a range.
Figure 21:
NFC P2P Timings Implemented in AS3909/10
Symbol
Parameter
Value
Unit
Note
TIDT
Initial delay time
302
μs
Initial RF Collision Avoidance
TRWF
RF waiting time
37.76
μs
TIRFG
Initial guard time
5.11
ms
Initial RF Collision Avoidance
TADT
Active delay time
151
μs
Response RF Collision Avoidance
TARFG
Active guard time
84
μs
Response RF Collision Avoidance
TGAS
Guard time after sending
response or request
65
μs
TGAS is the time during which RF field stays
switched on after sending a response or
request. This time is not specified in the
ISO/IEC 18092.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com