Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 2 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 2 Page - ams AG

  AS3910 Datasheet HTML 1Page - ams AG AS3910 Datasheet HTML 2Page - ams AG AS3910 Datasheet HTML 3Page - ams AG AS3910 Datasheet HTML 4Page - ams AG AS3910 Datasheet HTML 5Page - ams AG AS3910 Datasheet HTML 6Page - ams AG AS3910 Datasheet HTML 7Page - ams AG AS3910 Datasheet HTML 8Page - ams AG AS3910 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
AS3909/AS3910 – 2
ams Datasheet, Confidential: 2013-Oct [3-02]
Figure 1:
Standard Products
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 2:
Added Value of Using AS3909/10
Note(s) and/or Footnote(s):
1. Only available in AS3910.
Part Number
AAT
Trim Pins
AS3909
No
NC
AS3910
Yes
Connect to external trim caps as mentioned in Calibrate Antenna
Resonance
Benefits
Features
Stable Modulation Index
Close loop adjustment of ASK modulation for accurate control
of modulation depth in case of ISO-14443B protocol
Enabling Ultra Low Power Applications
Low power (3.5μA) NFC target mode
No communication holes
AM/PM demodulator
Measuring signal strength on RFI pins
Accurate RF envelope measurement (8 bit A/D)
Enables various antenna configurations
High output power at 3.3V power supply:
• Up to 700mW in case regulator is externally shorted
• Up to 500mW in case differential output and antenna
trimming is used
• Up to 125mW in case of single ended output and antenna
trimming is used
Increases EMD immunity
Squelch feature which performs gain reduction to compensate
for noise generated by transponder processing
Enable tuning of the Antenna LC Tank
Automatic Antenna tuning (AAT) (1)
For support of other standards and custom
protocols (ISO-15693, FeliCa, ...)
Transparent mode
Enabling Inductive wakeup in combination
with MCU
Amplitude and phase measurement
Supporting 13.56 MHz and 27.12MHz Quartz oscillator with fast
start-up
Supply voltage range from 2.4V to 3.6V
Wide temperature range: -40ºC to 85ºC
32-pin QFN (5x5mm) for AS3910 and 32-pin TQFN (5x5mm) for
AS3909



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com