Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 46 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 46 Page - ams AG

Back Button AS3910 Datasheet HTML 42Page - ams AG AS3910 Datasheet HTML 43Page - ams AG AS3910 Datasheet HTML 44Page - ams AG AS3910 Datasheet HTML 45Page - ams AG AS3910 Datasheet HTML 46Page - ams AG AS3910 Datasheet HTML 47Page - ams AG AS3910 Datasheet HTML 48Page - ams AG AS3910 Datasheet HTML 49Page - ams AG AS3910 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
AS3909/AS3910 – 46
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
AM Modulation Depth and Antenna Driver Registers
Figure 38:
Modulation Depth Definition Register
Note: Default setting is set at power up and after Set Default command.
Figure 39:
Modulation Depth Display Register
Note: At power up and after Set Default command content of this register is set to 0.
Address # 10: Modulation Depth Definition Register
Type: RW
Bit
Name
Def.
Function
Comments
7am_s0
0
→ AM modulated level is defined by
bits mod5 to mod0. Level is adjusted
automatically by Calibrate Modulation
Depth command
1
→ AM modulated level is defined by
bits dram7 to dram0.
6mod5
0
MSB
See Application Notes for details
about AM modulation level definition.
5mod4
0
4mod3
0
3mod2
0
2mod1
0
1mod0
LSB
0
Address # 11: Modulation Depth Display Register
Type: R
Bit
Name
Function
Comments
7md_7
MSB
Displays result of Calibrate Modulation Depth
command. Antenna drivers are composed of
8 binary weighted segments. Bit md_x set to
one indicates that this particular segment
will be disabled during AM modulated state.
6md_6
5md_5
4md_4
3md_3
2md_2
1md_1
0md_0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com