Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 24 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 24 Page - ams AG

Back Button AS3910 Datasheet HTML 20Page - ams AG AS3910 Datasheet HTML 21Page - ams AG AS3910 Datasheet HTML 22Page - ams AG AS3910 Datasheet HTML 23Page - ams AG AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
AS3909/AS3910 – 24
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Writing of Data to Addressable Registers (WRITE
Mode)
SDATAI is sampled at the falling edge of SCLK (see Figure 14,
Figure 15). A SEN LOW pulse indicates the end of the WRITE
command after register has been written. Auto incrementing
address is supported, which means that if after the address and
first data byte some additional data bytes are sent, they are then
written to addresses incremented by 1. In case the command is
terminated by putting SEN low before a packet of 8 bits
composing one byte is sent, writing of this register is not
performed. In case the register on the defined address does not
exist or it is a read only register, no write is performed. Following
examples show cases of writing a single byte and writing
multiple bytes with auto-incrementing address.
Figure 14:
Writing of a Single Byte (falling edge sampling)
Figure 15:
Writing of Register Data with Auto-Incrementing Address
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
X
0
0
X
SEN falling
edge signals
end of WRITE
Mode
Data is moved to
Address
A5-A0
SCLK
falling edge
Data is sampled
SCLK raising
edge data is
transferred from
µC
Two leading
Zeros indicate
WRITE Mode
SDATAI
SCLK
SEN
A5 A4 A3 A2 A1 A0 D7 D6 D5 D4D3 D2 D1 D0
X
0
0
X
SEN fall-
ing edge
signals
end of
WRITE
Mode
Data is moved to
Address
<A5-A0> + n
Two leading
Zeros indicate
WRITE Mode
SDATAI
SCLK
SEN
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6
D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
Data is moved to
Address
<A5-A0> + (n-1)
Data is moved to
Address
<A5-A0> + 1
Data is moved to
Address
<A5-A0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com