Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 43 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 43 Page - ams AG

Back Button AS3910 Datasheet HTML 39Page - ams AG AS3910 Datasheet HTML 40Page - ams AG AS3910 Datasheet HTML 41Page - ams AG AS3910 Datasheet HTML 42Page - ams AG AS3910 Datasheet HTML 43Page - ams AG AS3910 Datasheet HTML 44Page - ams AG AS3910 Datasheet HTML 45Page - ams AG AS3910 Datasheet HTML 46Page - ams AG AS3910 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 43
Appl icatio n I n f o rm a t i o n
Figure 32:
Collision Register
Note: At power up and after direct commands Set Default and Clear content of this register is set to 0.
Figure 33:
Number of Transmitted Bytes Register 0
Note(s) and/or Footnote(s):
1. Bits frm4 and antcl are cleared after transmission is performed.
2. Default setting is set at power up and after Set Default command.
Address # 0A: Collision Register
(for ISO-14443A only)
Type: R
Bit
Name
Function
Comments
7c_byte3
Number of full bytes before the bit
collision happened
6c_byte2
5c_byte1
4c_byte0
3c_bit2
Number of bits before the collision in
the byte where the collision happened
2c_bit1
1c_bit0
0
rfu
Not used, always 0
Address # 0B: Number of Transmitted Bytes
Register 0
Type: RW
Bit
Name
Def.
Function
Comments
7
ntx1
0
Number of bytes to be
transmitted in one
command, LSB bits
Maximum supported number of bytes is
1023
6ntx00
5nbtx2
0
Number of bits in the split
byte
000 means that all bytes all
full
Applicable only to ISO-14443A bit oriented
anticollision frame in case last byte is split
byte
4nbtx1
0
3nbtx0
0
2Not used
1
frm4
0
4bit response frame
Has to be set to 1 when 4bit response frame
is expected (Mifare Ultralight)
0
antcl
0
ISO-14443 anticollision frame
Has to be set to 1 when ISO-14443A bit
oriented anticollision frame is sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com