Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 8 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 8 Page - ams AG

Back Button AS5263 Datasheet HTML 4Page - ams AG AS5263 Datasheet HTML 5Page - ams AG AS5263 Datasheet HTML 6Page - ams AG AS5263 Datasheet HTML 7Page - ams AG AS5263 Datasheet HTML 8Page - ams AG AS5263 Datasheet HTML 9Page - ams AG AS5263 Datasheet HTML 10Page - ams AG AS5263 Datasheet HTML 11Page - ams AG AS5263 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
7 - 37
AS5263
Datasheet - Electrical Character i s t ics
6.3 Electrical System Specifications
TAMB = -40ºC to +150ºC, VDD = 4.5V - 5.5V (5V operation), Magnetic Input Specification; unless otherwise noted.
Note:
The INL performance is specified over the full turn of 360 degrees. An operation in an angle segment increases the accuracy. A two
point linearization is recommended to achieve the best INL performance for the chosen angle segment.
6.4 Timing Characteristics
Table 5. Electrical System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Resolution Analog and PWM Output
Angular operating range
≥ 90ºC
12
bit
INLopt
Integral non-linearity (optimum)
360 degree full turn
Maximum error with respect to the best line fit.
Centered magnet without calibration,
TAMB=25ºC
±0.5
deg
INLtemp
Integral non-linearity (optimum)
360 degree full turn
Maximum error with respect to the best line fit.
Centered magnet without calibration,
TAMB = -40 to +150ºC
±0.9
deg
INL
Integral non-linearity
360 degree full turn
Best line fit = (Errmax – Errmin) / 2
Over displacement tolerance with 6mm
diameter magnet, without calibration,
TAMB = -40 to +150ºC
Note:
This parameter is a system parameter
and is dependent on the selected magnet.
±1.4
deg
TN
Transition noise
1 sigma;
Note:
The noise performance is dependent
on the programming of the output
characteristic.
0.06
Deg
RMS
VDD5LowTH
Undervoltage lower threshold
VDD5 = 5V
3.1
3.4
3.7
V
VDD5HighTH
Undervoltage higher threshold
3.6
3.9
4.2
tPwrUp
Power-up time
Fast mode, times 2 in slow mode
10
ms
tdelay
System propagation delay
absolute output: delay of ADC,
DSP and absolute interface
100
µs
Table 6. Timing Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FRCOT
Internal Master Clock
4.05
4.5
4.95
MHz
TCLK
Interface Clock Time
TCLK = 1/ FRCOT
202
222.2
247
ns
TDETWD
WatchDog error detection time
12
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com