Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 34 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 34 Page - ams AG

Back Button AS5263 Datasheet HTML 30Page - ams AG AS5263 Datasheet HTML 31Page - ams AG AS5263 Datasheet HTML 32Page - ams AG AS5263 Datasheet HTML 33Page - ams AG AS5263 Datasheet HTML 34Page - ams AG AS5263 Datasheet HTML 35Page - ams AG AS5263 Datasheet HTML 36Page - ams AG AS5263 Datasheet HTML 37Page - ams AG AS5263 Datasheet HTML 38Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
33 - 37
AS5263
Datasheet - Application In form atio n
An equal output of all read out data is sufficient to verify the OTP programming. If the data output is a mismatch, then the programming of the
OTP was not successful and can cause a change of the OTP register content during operation over temperature and life time.
8.2.3 Physical Placement of the Magnet
The best linearity can be achieved by placing the center of the magnet exactly over the defined center of the chip as shown in Figure 26.
Figure 26. Defined Chip Center and Magnet Displacement Radius
8.2.4 Magnet Placement
The magnet’s center axis should be aligned within a displacement radius Rd of 0.25mm (larger magnets allow more displacement) from the
defined center of the IC.
The magnet may be placed below or above the device. The distance should be chosen such that the magnetic field on the die surface is within
the specified limits (see Figure 26). The typical distance “z” between the magnet and the package surface is 0.5mm to 1.5mm, provided the
recommended magnet material and dimensions (6mm x 3mm) are used. Larger distances are possible, as long as, the required magnetic field
strength stays within the defined limits.
However, a magnetic field outside the specified range may still produce usable results, but the out-of-range condition will be indicated by an
alarm forcing the output into the failure band.
Figure 27. Vertical Placement of the Magnet
Defined
center
Area of recommended maximum
magnet misalignment
Rd
0.561mm
±0.075mm
Package surface
Die surface
z
NS
Die 1
Die 2
0.850mm
nom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com