Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 13 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 13 Page - ams AG

Back Button AS5263 Datasheet HTML 9Page - ams AG AS5263 Datasheet HTML 10Page - ams AG AS5263 Datasheet HTML 11Page - ams AG AS5263 Datasheet HTML 12Page - ams AG AS5263 Datasheet HTML 13Page - ams AG AS5263 Datasheet HTML 14Page - ams AG AS5263 Datasheet HTML 15Page - ams AG AS5263 Datasheet HTML 16Page - ams AG AS5263 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
12 - 37
AS5263
Datasheet - Detailed Descr i pti on
7.2.5 Inverted Dual Channel Output
The AS5263 can be programmed as described in Figure 7.
Figure 7. Inverted Slope Output
7.2.6 Resolution of the Parameters
The programming parameters have a wide resolution of up to 14 bits.
Table 7. Resolution of the Programming Parameters
Symbol
Parameter
Resolution
Note
T1
Mechanical angle start point
14 bits
T2
Mechanical angle stop point
14 bits
T1Y
Mechanical start voltage level
12 bits
T2Y
Mechanical stop voltage level
12 bits
CLL
Clamping level low
7 bits
4096 LSBs is the maximum level
CLH
Clamping level high
7 bits
31 LSBs is the minimum level
BP
Break point
14 bits
0
T1Y
T2Y
CLL
CLH
mechanical range
electrical range
CLL
CLH
T1
T2
100%VDD
0
T2Y
T1Y
CLL
CLH
CLH
CLL
100%VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com