Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 25 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 25 Page - ams AG

Back Button AS5263 Datasheet HTML 21Page - ams AG AS5263 Datasheet HTML 22Page - ams AG AS5263 Datasheet HTML 23Page - ams AG AS5263 Datasheet HTML 24Page - ams AG AS5263 Datasheet HTML 25Page - ams AG AS5263 Datasheet HTML 26Page - ams AG AS5263 Datasheet HTML 27Page - ams AG AS5263 Datasheet HTML 28Page - ams AG AS5263 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
24 - 37
AS5263
Datasheet - Application In form atio n
8.1.6 DOWNLOAD
Figure 20 shows the format of the frame.
Figure 20. Frame Organization of the DOWNLOAD Command
The command consists of one frame received by the AS5263 (slave communication mode). The OTP cell fuse content will be downloaded into
the SFRs.
The access is performed with CMD field set to 0x5.
8.1.7 UPLOAD
Figure 21 shows the format of the frame.
Figure 21. Frame Organization of the UPLOAD Command
The command consists of one frame received by the AS5263 (slave communication mode) and transfers the data from the SFRs into the OTP
fuse cells. The OTP fuses are not permanent programmed using this command.
The access is performed with CMD field set to 0x6.
8.1.8 FUSE
Figure 22 shows the format of the frame.
Figure 22. Frame Organization of the FUSE Command
The command consists of one frame received by the AS5263 (slave communication mode) and it is giving the trigger to permanent program the
non volatile fuse elements.
The access is performed with CMD field set to 0x4.
Note:
After this command, the device automatically starts to program the built-in programming procedure. It is not allowed to send other com-
mands during this programming time. This time is specified to 4ms after the last CMD bit.
DO NOT CARE
DO NOT CARE
CMD
LSB
MSBLSB
MSBLSB
MSB
10
01
DO NOT CARE
DO NOT CARE
CMD
LSB
MSBLSB
MSBLSB
MSB
00
11
DO NOT CARE
DO NOT CARE
CMD
LSB
MSBLSB
MSBLSB
MSB
00
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com