Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 11 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 11 Page - ams AG

Back Button AS5263 Datasheet HTML 7Page - ams AG AS5263 Datasheet HTML 8Page - ams AG AS5263 Datasheet HTML 9Page - ams AG AS5263 Datasheet HTML 10Page - ams AG AS5263 Datasheet HTML 11Page - ams AG AS5263 Datasheet HTML 12Page - ams AG AS5263 Datasheet HTML 13Page - ams AG AS5263 Datasheet HTML 14Page - ams AG AS5263 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
10 - 37
AS5263
Datasheet - Detailed Descr i pti on
7.2 Analog Output
The reference voltage for the Digital-to-Analog converter (DAC) is taken internally from VDD. In this mode, the output voltage is ratiometric to the
supply voltage.
7.2.1 Programming Parameters
The Analog output voltage modes are programmable by OTP. Depending on the application, the analog output can be adjusted. The user can
program the following application specific parameters:
The above listed parameters are input parameters. Over the provided programming software and programmer, these parameters are converted
and finally written into the AS5263 128-bit OTP memory. More details about the conversion can be found in the AN_AS5163+AS5263_V1.0
application note.
7.2.2 Application Specific Angular Range Programming
The application range can be selected by programming T1 with a related T1Y and T2 with a related T2Y into the AS5263. The internal gain factor
is calculated automatically. The clamping levels CLL and CLH can be programmed independent from the T1 and T2 position and both levels can
be separately adjusted.
Figure 4. Programming of an Individual Application Range
Figure 4 shows a simple example of the selection of the range. The mechanical starting point T1 and the mechanical end point T2 define the
mechanical range. A sub range of the internal Cordic output range is used and mapped to the needed output characteristic. The analog output
signal has 12 bit, hence the level T1Y and T2Y can be adjusted with this resolution. As a result of this level and the calculated slope the clamping
region low is defined. The break point BP defines the transition between CLL and CLH. In this example, the BP is set to 0 degree. The BP is also
the end point of the clamping level high CLH. This range is defined by the level CLH and the calculated slope. Both clamping levels can be set
independently form each other. The minimum application range is 12 degrees.
T1
Mechanical angle start point
T2
Mechanical angle end point
T1Y
Voltage level at the T1 position
T2Y
Voltage level at the T2 position
CLL
Clamping Level Low
CLH
Clamping Level High
BP
Break point (transition point 0 to 360 degree)
T1
T2
CLL
CLH
BP
T1
T2
100%VDD
0
Application range
T1Y
T2Y
CLL
CLH
mechanical range
electrical range
clamping range
low
clamping range
high
270 degree
0 degree
180 degree
90 degree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com