Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 19 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 19 Page - ams AG

Back Button AS5263 Datasheet HTML 15Page - ams AG AS5263 Datasheet HTML 16Page - ams AG AS5263 Datasheet HTML 17Page - ams AG AS5263 Datasheet HTML 18Page - ams AG AS5263 Datasheet HTML 19Page - ams AG AS5263 Datasheet HTML 20Page - ams AG AS5263 Datasheet HTML 21Page - ams AG AS5263 Datasheet HTML 22Page - ams AG AS5263 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
18 - 37
AS5263
Datasheet - Application In form atio n
8 Application Information
The benefits of AS5263 are as follows:
Unique fully differential patented solution
Best protection for automotive applications
Easy to program
Flexible interface selection PWM, analog output
Ideal for applications in harsh environments due to contactless position sensing
Robust system, tolerant to magnet misalignment, airgap variations, temperature variations and external magnetic fields
No calibration required because of inherent accuracy
High driving capability of analog output (including diagnostics)
8.1 Programming the AS5263
The AS5263 programming is a one-time-programming (OTP) method, based on polysilicon fuses. The advantage of this method is that no
additional programming voltage is needed. The internal LDO provides the current for programming.
The OTP consists of 128 bits, wherein several bits are available for user programming. In addition, factory settings are stored in the OTP
memory. Both regions are independently lockable by built-in lock bits.
A single OTP cell can be programmed only once. By default, each cell is “0”; a programmed cell will contain a “1”. While it is not possible to reset
a programmed bit from “1” to “0”, multiple OTP writes are possible, as long as only unprogrammed “0”-bits are programmed to “1”.
Independent of the OTP programming, it is possible to overwrite the OTP register temporarily with an OTP write command. This is possible only
if the user lock bit is not programmed.
Due to the programming over the output pin, the device will initially start in the communication mode. In this mode, the digital angle value can be
read with a specific protocol format. It is a bidirectional communication possible. Parameters can be written into the device. A programming of the
device is triggered by a specific command. With another command (pass2funcion), the device can be switched into operation mode (analog or
PWM output). In case of a programmed user lock bit, the AS5263 automatically starts up in the functional operation mode. No communication of
the specific protocol is possible after this.
8.1.1 Hardware Setup
The pin OUT and the supply connection are required for OTP memory access. Without the programmed Mem_Lock_USER OTP bit, the device
will start up in the communication mode and will remain into an IDLE operation mode. The pull up resistor RCommunication is required during
startup. Figure 1 shows the configuration of an AS5263.
Figure 11. Programming Schematic of the AS5263
VDD3_X
GND
VDD5_X
GNDA_X
2.2uF
(low ESR)
0.3 ohm
OUT_X
VDD_X
SENSOR PCB
Programmer
2.2uF
(low ESR)
1uF
KDOWN_X
VDD_X
GNDD_X GNDP_X
RCommunication
VDD
GND
DIO
AS5263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com