Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 26 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 26 Page - ams AG

Back Button AS5263 Datasheet HTML 22Page - ams AG AS5263 Datasheet HTML 23Page - ams AG AS5263 Datasheet HTML 24Page - ams AG AS5263 Datasheet HTML 25Page - ams AG AS5263 Datasheet HTML 26Page - ams AG AS5263 Datasheet HTML 27Page - ams AG AS5263 Datasheet HTML 28Page - ams AG AS5263 Datasheet HTML 29Page - ams AG AS5263 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
25 - 37
AS5263
Datasheet - Application In form atio n
8.1.9 PASS2FUNC
Figure 23 shows the format of the frame.
Figure 23. Frame Organization of the PASS2FUNCTION Command
The command consists of one frame received by the AS5263 (slave communication mode). This command stops the communication receiving
mode, releases the reset of the DSP of the AS5263 device and starts to work in functional mode with the values of the SFR currently written.
The access is performed with CMD field set to 0x7.
8.1.10 READ
Figure 24 shows the format of the frame.
Figure 24. Frame Organization of the READ Command
The command is composed by a first frame sent to the AS5263. The device is in slave communication mode. The device remains for the time
TSWITCH in IDLE mode before changing into the master communication mode. The AS5263 starts to send the second frame transmitted by the
AS5263.
The access is performed with CMD field set to 0xB.
When the AS5263 receives the first frame, it sends a frame with data value of the address specified in the field of the first frame.
Table 17 shows the possible readable data information for the AS5263 device.
An even parity bit is used to guarantee a correct data transmission. The parity bit (P) is generated by the 16 data bits. The MSB of the CMD
dummy (P) is reserved for the parity information.
DO NOT CARE
DO NOT CARE
CMD
LSB
MSBLSB
MSBLSB
MSB
10
11
ADDR2
ADDR1
CMD
LSB
MSBLSB
MSBLSB
MSB
11
10
DATA2
DATA1
CMD DUMMY
LSB
MSB
LSB
MSB
P
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com