Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 5 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 5 Page - ams AG

  AS5263 Datasheet HTML 1Page - ams AG AS5263 Datasheet HTML 2Page - ams AG AS5263 Datasheet HTML 3Page - ams AG AS5263 Datasheet HTML 4Page - ams AG AS5263 Datasheet HTML 5Page - ams AG AS5263 Datasheet HTML 6Page - ams AG AS5263 Datasheet HTML 7Page - ams AG AS5263 Datasheet HTML 8Page - ams AG AS5263 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
4 - 37
AS5263
Datasheet - Pin Assignm ents
9NC_T
DIO/AIO
multi purpose pin
Test pin for fabrication. Connected to GND intended for the top die in
the application.
10
NC_B
Test pin for fabrication. Connected to GND intended for the bottom die
in the application.
11
NC
Test pin for fabrication. Open in the application.
12
NC
Test pin for fabrication. Open in the application.
13
GNDD_T
Supply pin
Digital ground pin. Connected to GND intended for the top die in the
application.
14
GNDD_B
Digital ground pin. Connected to GND intended for the bottom die in the
application.
15
NC_T
DIO/AIO
multi purpose pin
Test pin for fabrication. Connected to GND intended for the top die in
the application.
16
NC_B
Test pin for fabrication. Connected to GND intended for the bottom die
in the application.
17
NC
-
Not bonded
18
NC
-
Not bonded
19
NC_T
DIO/AIO
multi purpose pin
Test pin for fabrication. Connected to GND intended for the top die in
the application.
20
NC_B
Test pin for fabrication. Connected to GND intended for the bottom die
in the application.
21
KDOWN_T
Digital output open
drain
Kick down functionality. Open drain user pull-up resistor connected to
the intended VDD top supply.
22
KDOWN_B
Kick down functionality. Open drain user pull-up resistor connected to
the intended VDD bottom supply.
23
GNDP_T
Supply pin
Analog ground pin. Connected to GND for the top die in the application.
24
GNDP_B
Analog ground pin. Connected to GND intended for the bottom die in the
application.
25
NC_T
DIO/AIO
multi purpose pin
Test pin for fabrication. Connected to GND intended for the top die in
the application.
26
NC_B
Test pin for fabrication. Connected to GND intended for the bottom die
in the application.
27
OUT_T
Output pin. Can be programmed as analog output or PWM output. Over
this pin the programming of the top die is possible.
28
OUT_B
Output pin. Can be programmed as analog output or PWM output. Over
this pin the programming of the bottom die is possible.
29
VDD_T
Supply pin
Positive supply pin. This pin is over voltage protected.
30
VDD_B
Positive supply pin. This pin is over voltage protected.
31
VDD5_T
4.5V- Regulator output, internally regulated from VDD. This pin needs
an external ceramic capacitor of 2.2μF. Connect second terminal of
capacitor to GND intended for the top die.
32
VDD5_B
4.5V- Regulator output, internally regulated from VDD. This pin needs
an external ceramic capacitor of 2.2μF. Connect second terminal of
capacitor to GND intended for the bottom die.
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com