Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 12 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 12 Page - ams AG

Back Button AS5263 Datasheet HTML 8Page - ams AG AS5263 Datasheet HTML 9Page - ams AG AS5263 Datasheet HTML 10Page - ams AG AS5263 Datasheet HTML 11Page - ams AG AS5263 Datasheet HTML 12Page - ams AG AS5263 Datasheet HTML 13Page - ams AG AS5263 Datasheet HTML 14Page - ams AG AS5263 Datasheet HTML 15Page - ams AG AS5263 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
11 - 37
AS5263
Datasheet - Detailed Descr i pti on
7.2.3 Application Specific Programming of the Break Point
The break point BP can be programmed as well with a resolution of 14 bits. This is important when the default transition point is inside the
application range. In such a case, the default transition point must be shifted out of the application range. The parameter BP defines the new
position. The function can be used also for an on-off indication.
Figure 5. Individual Programming of the Break Point BP
7.2.4 Full Scale Mode
The AS5263 can be programmed as well in the full scale mode. The BP parameter defines the position of the transition.
Figure 6. Full Scale Mode
For simplification, Figure 6 describes a linear output voltage from rail to rail (0V to VDD) over the complete rotation range. In practice, this is not
feasible due to saturation effects of the output stage transistors. The actual curve will be rounded towards the supply rails (as indicated Figure 6).
T1
T2
CLL
CLH
BP
T1
T2
100%VDD
0
Application range
T1Y
T2Y
CLL
CLH
mechanical range
electrical range
clamping range
low
clamping range
high
270 degree
0 degree
180 degree
90 degree
clamping range
low
0
100 % VDD
360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com