Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 16 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 16 Page - ams AG

Back Button AS5263 Datasheet HTML 12Page - ams AG AS5263 Datasheet HTML 13Page - ams AG AS5263 Datasheet HTML 14Page - ams AG AS5263 Datasheet HTML 15Page - ams AG AS5263 Datasheet HTML 16Page - ams AG AS5263 Datasheet HTML 17Page - ams AG AS5263 Datasheet HTML 18Page - ams AG AS5263 Datasheet HTML 19Page - ams AG AS5263 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
15 - 37
AS5263
Datasheet - Detailed Descr i pti on
7.3 Pulse Width Modulation (PWM) Output
The AS5263 provides a pulse width modulated output (PWM), whose duty cycle is proportional to the measured angle. This output format is
selectable over the OTP memory. If output pins OUT_T, OUT_B are configured as open drain configuration, then an external load resistor (pull
up) is required. The PWM frequency is internally trimmed to an accuracy of ±10% over full temperature range. This tolerance can be cancelled
by measuring the ratio between the on and off state. In addition, the programmed clamping levels CLL and CLH will also adjust the PWM signal
characteristic.
Figure 9. PWM Output Signal
Table 10. Electrical Parameters for the Analog Output Stage
Symbol
Parameter
Min
Typ
Max
Unit
Note
VOUT
Output Voltage Range
496
% VDD
6
94
Valid when 1k
≤ RLOAD < 2k
VOUTINL
Output Integral nonlinearity
10
LSB
VOUTDNL
Output Differential nonlinearity
-10
10
LSB
VOUTOFF
Output Offset
-50
50
mV
At 2048 LSB level
VOUTUD
Update rate of the Output
100
µs
Info parameter
VOUTSTEP
Output Step Response
550
µs
Between 10% and 90%, RPD
=1k
Ω, CLOAD=1nF; VDD=5V
VOUTDRIFT
Output Voltage Temperature drift
2
2
%
Of value at mid code
VOUTRATE
Output ratiometricity error
-1.5
1.5
%VDD
0.04*VDD
≤ VOUT ≤ 0.96*VDD
VOUTNOISE
Noise
1
1. Not tested in production; characterization only.
10
mVpp
1Hz…30kHz;
at 2048 LSB level
Position 1
Position 4094
Position 0
Position 4095
PWmin
PWmax
TPWM = 1/fPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com