Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 20 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 20 Page - ams AG

Back Button AS5263 Datasheet HTML 16Page - ams AG AS5263 Datasheet HTML 17Page - ams AG AS5263 Datasheet HTML 18Page - ams AG AS5263 Datasheet HTML 19Page - ams AG AS5263 Datasheet HTML 20Page - ams AG AS5263 Datasheet HTML 21Page - ams AG AS5263 Datasheet HTML 22Page - ams AG AS5263 Datasheet HTML 23Page - ams AG AS5263 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
19 - 37
AS5263
Datasheet - Application In form atio n
8.1.2 Protocol Timing and Commands of Single Pin Interface
During the communication mode, the output level is defined by the external pull up resistor RCommunication. The output driver of the device is in tri-
state. The bit coding (see Figure 18) has been chosen in order to allow the continuous synchronization during the communication, which can be
required due to the tolerance of the internal clock frequency. Figure 18 shows how the different logic states '0' and '1' are defined. The period of
the clock TCLK is defined with 222.2 ns.
The voltage levels VH and VL are CMOS typical.
Each frame is composed by 20 bits. The 4 MSB (CMD) of the frame specifies the type of command that is passed to the AS5263. The 16 data
bits contain the communication data. There will be no operation when the ‘not specified’ CMD is used. The sequence is oriented in such a way
that the LSB of the data is followed by the command. The number of frames vary depending on the command. The single pin programming
interface block of the AS5263 can operate in slave communication or master communication mode. In the slave communication mode, the
AS5263 receives the data organized in frames. The programming tool is the driver of the single communication line and can pull down the level.
In case of the master communication mode, the AS5263 transmits data in the frame format. The single communication line can be pulled down
by the AS5263.
Figure 12. Bit Coding of the Single Pin Programming Interface
Figure 13. Protocol Definition
Bit “0”
Bit “1”
T1
T2
T1
T2
VH
VL
VH
VL
T1 = 128 * TCLK
TBIT = T1 + T2 = 512 * TCLK
T2 = 384 * TCLK
PACKET
IDLE START
IDLE
START
COMMAND
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com