Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 15 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 15 Page - ams AG

Back Button AS5263 Datasheet HTML 11Page - ams AG AS5263 Datasheet HTML 12Page - ams AG AS5263 Datasheet HTML 13Page - ams AG AS5263 Datasheet HTML 14Page - ams AG AS5263 Datasheet HTML 15Page - ams AG AS5263 Datasheet HTML 16Page - ams AG AS5263 Datasheet HTML 17Page - ams AG AS5263 Datasheet HTML 18Page - ams AG AS5263 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
14 - 37
AS5263
Datasheet - Detailed Descr i pti on
7.2.7 Analog Output Diagnostic Mode
Due to the low pin count in the application, a wrong operation must be indicated by the output pin OUT_T, OUT_B. This could be realized using
the failure bands. The failure band is defined with a fixed level. The failure band low is specified from 0% to 4% of the supply range. The failure
band high is defined from 100% to 96%. Several failures can happen during operation. The output signal remains in these bands over the
specified operating and load conditions. All the different failures can be grouped into the internal alarms (failures) and the application related
failures.
CLOAD ≤ 42 nF, RPU= 2k…5.6kΩ
RPD= 2k…5.6kΩ load pull-up
For efficient use of diagnostics it is recommended to program to clamping levels CLL and CLH.
7.2.8 Analog Output Driver Parameters
The output stage is configured in a push-pull output. Therefore it is possible to sink and source currents.
CLOAD ≤ 42 nF, RPU= 2k…5.6kΩ
RPD= 2k…5.6kΩ load pull-up
Note:
A Pull-Up/Down load is up to 1k
Ω with increased diagnostic bands from 0%-6% and 94%-100%.
Table 8. Different Failure Cases of AS5263
Type
Failure Mode
Symbol
Failure Band
Note
Internal alarms (failures)
Out of magnetic range
(too less or too high magnetic
input)
MAGRng
High/Low
Could be switched off by one OTP bit
EXT_RANGE.
Programmable by OTP bit DIAG_HIGH
Cordic overflow
COF
High/Low
Programmable by OTP bit DIAG_HIGH
Offset compensation finished
OCF
High/Low
Programmable by OTP bit DIAG_HIGH
Watchdog fail
WDF
High/Low
Programmable by OTP bit DIAG_HIGH
Oscillator fail
OF
High/Low
Programmable by OTP bit DIAG_HIGH
Application related
failures
Overvoltage condition
OV
High/Low
Dependent on the load resistor
Pull up
→ failure band high
Pull down
→ failure band low
Broken VDD
BVDD
Broken VSS
BVSS
Short circuit output
SCO
High/Low
Switch off
→ short circuit dependent
Table 9. General Parameters for the Output Driver
Symbol
Parameter
Min
Typ
Max
Unit
Note
IOUTSCL
Short circuit output current (low side driver)
832
mA
VOUT=27V
IOUTSCH
Short circuit output current (high side driver)
-8
-32
mA
VOUT=0V
TSCDET
Short circuit detection time
20
600
µs
output stage turned off
TSCREC
Short circuit recovery time
2
20
ms
output stage turned on
ILEAKOUT
Output Leakage current
-20
20
µA
VOUT=VDD=5V
BGNDPU
Output voltage broken GND with pull-up
96
100
%VDD
RPU = 2k…5.6k
BGNDPD
Output voltage broken GND with pull-down
04
%VDD
RPD = 2k…5.6k
BVDDPU
Output voltage broken VDD with pull-up
96
100
%VDD
RPU = 2k…5.6k
BVDDPD
Output voltage broken VDD with pull-down
04
%VDD
RPD = 2k…5.6k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com