Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 17 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 17 Page - ams AG

Back Button AS5263 Datasheet HTML 13Page - ams AG AS5263 Datasheet HTML 14Page - ams AG AS5263 Datasheet HTML 15Page - ams AG AS5263 Datasheet HTML 16Page - ams AG AS5263 Datasheet HTML 17Page - ams AG AS5263 Datasheet HTML 18Page - ams AG AS5263 Datasheet HTML 19Page - ams AG AS5263 Datasheet HTML 20Page - ams AG AS5263 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
16 - 37
AS5263
Datasheet - Detailed Descr i pti on
The PWM frequency can be programmed by the OTP bits PWM_frequency (1:0). Therefore, four different frequencies are possible.
Taking into consideration the AC characteristic of the PWM output including load, it is recommended to use the clamping function. The
recommended range is 0% to 4% and 96% to 100%.
7.4 Kick Down Function
The AS5263 provides a special compare function. This function is implemented using a programmable angle value with a programmable
hysteresis. It will be indicated over the open drain output pin KDOWN_T, KDOWN_B. If the actual angle is above the programmable value plus
the hysteresis, the output is switched to low. The output will remain at low level until the value KD is reached in the reverse direction.
Figure 10. Kick Down Hysteresis Implementation
Table 11. PWM Signal Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
fPWM1
PWM frequency1
123.60
137.33
151.06
Hz
PWM_frequency (1:0) = “00”
fPWM2
PWM frequency2
247.19
274.66
302.13
Hz
PWM_frequency (1:0) = “01”
fPWM3
PWM frequency3
494.39
549.32
604.25
Hz
PWM_frequency (1:0) = “10”
fPWM4
PWM frequency4
988.77
1098.63
1208.50
Hz
PWM_frequency (1:0) = “11”
PWMIN
MIN pulse width
(1+1)*1/
fPWM
µs
PWMAX
MAX pulse width
(1+4094)*1/
fPWM
ms
Table 12. Electrical Parameters for the PWM Output Mode
Symbol
Parameter
Min
Typ
Max
Unit
Note
PWMVOL
Output voltage low
0
0.4
V
IOUT=8mA
ILEAK
Output leakage
-20
20
µA
VOUT=VDD=5V
PWMDC
PWM duty cycle range
4
96
%
PWMSRF
PWM slew rate
1
2
4
V/µs
Between 75% and 25%
RPU/RPD = 1kΩ,
CLOAD = 1nF, VDD = 5V
KDOWN
KD(5:0)
KDHYS
KD(5:0)+KDHYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com