Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 32 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 32 Page - ams AG

Back Button AS5263 Datasheet HTML 28Page - ams AG AS5263 Datasheet HTML 29Page - ams AG AS5263 Datasheet HTML 30Page - ams AG AS5263 Datasheet HTML 31Page - ams AG AS5263 Datasheet HTML 32Page - ams AG AS5263 Datasheet HTML 33Page - ams AG AS5263 Datasheet HTML 34Page - ams AG AS5263 Datasheet HTML 35Page - ams AG AS5263 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
31 - 37
AS5263
Datasheet - Application In form atio n
Data Content.
Redundancy (7:0): For a better programming yield, a redundancy is implemented. In case the programming of one bit fails, then this
function can be used. With an address (7:0) one bit can be selected and programmed.
Lock_OTPCUST = 1, locks the customer area in the OTP and the device, from hereon, starts in operating mode.
Invert_Slope = 1, inverts the output characteristic in analog output mode
Gain (7:0): With this value, the steepness of the output slope can be adjusted
EXT_RANGE = 1, provides a wider z-Range of the magnet by turning off the alarm function
FAST_SLOW = 1, improves the noise performance due to internal filtering
BP (13:0): The breakpoint can be set with resolution of 14-bit
PWM Frequency (1:0): Four different frequency settings are possible. Please refer to Table 11.
KDHYS (1:0): Avoids flickering at the KDOWN output (pin 11). For settings, refer to Table 12.
OffsetOut (11:0): Output characteristic parameter
ANALOG_PWM = 1, selects the PWM output mode
OffsetIn (13:0): Output characteristic parameter
DIAG_HIGH = 1: In case of an error, the signal goes into high failure-band.
ClampHI (6:0): Sets the clamping level high with respect to VDD.
DAC_MODE disables filter at DAC
ClampLow (6:0): Sets the clamping level low with respect to VDD
KD (5:0): Sets the kick-down level with respect to VDD
Redundancy Code
OTP Bit Selection
Redundancy <7:0>
in decimal
0none
1
OP_Mode<1>
2DIAG_HIGH
3
PWM Frequency<0>
4 - 10
ClampHi<6> - ClampHi<0>
11 - 17
ClampLow<6> - ClampLow<0>
18
OP_Mode<0>
19 - 32
OffsetIn<13> - OffsetIn<0>
33 - 46
Gain<13> - Gain<0>
47 - 60
BP<13> - BP<0>
61 - 72
OffsetOut<11> - OffsetOut<0>
73
Invert_Slope
74
FAST_SLOW
75
EXT_RANGE
76
DAC_MODE
77
Lock_OTPCUST
78 - 83
KD<5> - KD<0>
84 - 85
KDHYS<1> - KDHYS<0>
86
PWM Frequency<1>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com