Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 18 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 18 Page - ams AG

Back Button AS5263 Datasheet HTML 14Page - ams AG AS5263 Datasheet HTML 15Page - ams AG AS5263 Datasheet HTML 16Page - ams AG AS5263 Datasheet HTML 17Page - ams AG AS5263 Datasheet HTML 18Page - ams AG AS5263 Datasheet HTML 19Page - ams AG AS5263 Datasheet HTML 20Page - ams AG AS5263 Datasheet HTML 21Page - ams AG AS5263 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
17 - 37
AS5263
Datasheet - Detailed Descr i pti on
Pull-up resistance 1k to 5.6K to VDD
CLOAD max 42nF
Table 13. Programming Parameters for the Kick Down Function
Symbol
Parameter
Resolution
Note
KD
Kick Down angle
6 bits
KDHYS
Kick Down Hysteresis
2 bits
KDHYS (1:0) = “00”
→ 8 LSB hysteresis
KDHYS (1:0) = “01”
→ 16 LSB hysteresis
KDHYS (1:0) = “10”
→ 32 LSB hysteresis
KDHYS (1:0) = “11”
→ 64 LSB hysteresis
Table 14. Electrical Parameters of the KDOWN Output
Symbol
Parameter
Min
Typ
Max
Unit
Note
IKDSC
Short circuit output current
(Low Side Driver)
624
mA
VKDOWN = 27V
TSCDET
Short circuit detection time
20
600
µs
output stage turned off
TSCREC
Short circuit recovery time
220
ms
output stage turned on
KDVOL
Output voltage low
01.1
V
IKDOWN = 6mA
KDILEAK
Output leakage
-20
20
µA
VKDOWN = 5V
KDSRF
KDOWN slew rate (falling edge)
12
4
V/µs
Between 75% and 25%,
RPUKDWN = 1kΩ, CLOAD_KDWN
= 1nF, VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com