Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 21 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 21 Page - ams AG

Back Button AS5263 Datasheet HTML 17Page - ams AG AS5263 Datasheet HTML 18Page - ams AG AS5263 Datasheet HTML 19Page - ams AG AS5263 Datasheet HTML 20Page - ams AG AS5263 Datasheet HTML 21Page - ams AG AS5263 Datasheet HTML 22Page - ams AG AS5263 Datasheet HTML 23Page - ams AG AS5263 Datasheet HTML 24Page - ams AG AS5263 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
20 - 37
AS5263
Datasheet - Application In form atio n
Note:
Other commands are reserved and shall not be used.
When single pin programming interface bus is in high impedance state, the logical level of the bus is held by the pull up resistor RCommunication.
Each communication begins by a condition of the bus level which is called START. This is done by forcing the bus in logical low level (done by
the programmer or AS5263 depending on the communication mode). Afterwards the bit information of the command is transmitted as shown in
Figure 14.
Figure 14. Bus Timing for the WRITE128 Command
Figure 15. Bus Timing for the READ128 Command
Table 15. OTP Commands and Communication Interface Modes
Possible Interface
Commands
Description
AS5263
Communication Mode
Command
CMD
Number of
Frames
UNBLOCK
Resets the interface
SLAVE
0x0
1
WRITE128
Writes 128 bits (user + factory settings) into the device
SLAVE
0x9
(0x1)
8
READ128
Reads 128 bits (user + factory settings) from the device
SLAVE and MASTER
0xA
9
UPLOAD
Transfers the register content into the OTP memory
SLAVE
0x6
1
DOWNLOAD
Transfers the OTP content to the register content
SLAVE
0x5
1
FUSE
Command for permanent programming
SLAVE
0x4
1
PASS2FUNC
Change operation mode from communication to operation
SLAVE
0x7
1
READ
Read related to address the user data
SLAVE and MASTER
0xB
2
WRITE
Write related to address the user data
SLAVE
0xC
1
11
00
10
00
DATA1
DATA0
DATA3
DATA2
10
00
DATA14
20*TBIT
START
IDLE
IDLE
01
10
P
00 0
DATA1
DATA0
P
00 0
DATA14
20*TBIT
DO NOT CARE
DO NOT CARE
Slave Communication Mode
Master Communication Mode
TSW
DATA3
IDLE
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com