Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 4 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 4 Page - ams AG

  AS5263 Datasheet HTML 1Page - ams AG AS5263 Datasheet HTML 2Page - ams AG AS5263 Datasheet HTML 3Page - ams AG AS5263 Datasheet HTML 4Page - ams AG AS5263 Datasheet HTML 5Page - ams AG AS5263 Datasheet HTML 6Page - ams AG AS5263 Datasheet HTML 7Page - ams AG AS5263 Datasheet HTML 8Page - ams AG AS5263 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
3 - 37
AS5263
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1 provides the description of each pin of the standard 32-pin QFN (7x7mm) package. It is recommended to keep the electrical separation
as well on the printed circuit board (PCB) in the application (see Table 1).
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1NC
-
Not bonded
2NC
-
Not bonded
3NC_T
DIO/AIO
multi purpose pin
Test pin for fabrication. Connected to top ground in the application.
4
NC_B
Test pin for fabrication. Connected to bottom ground in the application.
5VDD3_T
Supply pin
3.45V- Regulator output, internally regulated from VDD5. This pin
needs an external ceramic capacitor of 2.2μF. Connect second terminal of
capacitor to GND intended for the top die.
6VDD3_B
3.45V- Regulator output, internally regulated from VDD5. This pin
needs an external ceramic capacitor of 2.2μF. Connect second terminal of
capacitor to GND intended for the bottom die.
7GNDA_T
Analog ground pin. Connected to GND for the top die in the application.
8GNDA_B
Analog ground pin. Connected to GND intended for the bottom die in the
application.
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
1
NC
NC
NC_T
NC_B
VDD3_T
VDD3_B
GNDA_T
GNDA_B
NC
NC
NC_T
NC_B
KDOWN_T
KDOWN_B
GNDP_T
GNDP_B
AS5263
13
12
14
15
16
11
10
9
28
29
27
26
25
30
31
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com