Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 10 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 10 Page - ams AG

Back Button AS5263 Datasheet HTML 6Page - ams AG AS5263 Datasheet HTML 7Page - ams AG AS5263 Datasheet HTML 8Page - ams AG AS5263 Datasheet HTML 9Page - ams AG AS5263 Datasheet HTML 10Page - ams AG AS5263 Datasheet HTML 11Page - ams AG AS5263 Datasheet HTML 12Page - ams AG AS5263 Datasheet HTML 13Page - ams AG AS5263 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
9 - 37
AS5263
Datasheet - Detailed Descr i pti on
7.1 Operation
The AS5263 operates at 5V ±10%, using two internal Low-Dropout (LDO) voltage regulators. For operation, the 5V supply is connected to pin
VDD. While VDD3 and VDD5 (LDO outputs) must be buffered by 2.2µF capacitors, the VDD requires a 1µF capacitor. All capacitors (low ESR
ceramic) are supposed to be placed close to the supply pins (see Figure 3).
The VDD3 and VDD5 outputs are intended for internal use only. It must not be loaded with an external load.
Figure 3. External Circuitry for the AS5263 (figure shows only one sensor die)
7.1.1 VDD Voltage Monitor
VDD Overvoltage Management. If the voltage applied to the VDD pin exceeds the overvoltage upper threshold for longer than the detection
time, then the device enters a low power mode reducing the power consumption. When the overvoltage event has passed and the voltage
applied to the VDD pin falls below the overvoltage lower threshold for longer than the recovery time, then the device enters the normal mode.
VDD5 Undervoltage Management. When the voltage applied to the VDD5 pin falls below the undervoltage lower threshold for longer than
the VDD5_detection time, then the device stops the clock of the digital part and the output drivers are turned off to reduce the power
consumption. When the voltage applied to the VDD5 pin exceeds the VDD5 undervoltage upper threshold for longer than the VDD5_recovery
time, then the clock is restarted and the output drivers are turned on.
2.2µF
1µF
4.5 - 5.5V
VDD5_T
GNDD_T
VDD_T
5V Operation
Internal
VDD4.5V
LDO
Internal
VDD3.45V
VDD3_T
LDO
2.2µF
GNDA_T
GNDP_T
Notes:
1. The pins VDD3 and VDD5 must always be buffered by a capacitor. These pins must not be left floating, as this may
cause unstable internal supply voltages, which may lead to larger output jitter of the measured angle.
2. Only VDD is overvoltage protected up to 27V. In addition, the VDD has a reverse polarity protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com