Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 35 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 35 Page - ams AG

Back Button AS5263 Datasheet HTML 30Page - ams AG AS5263 Datasheet HTML 31Page - ams AG AS5263 Datasheet HTML 32Page - ams AG AS5263 Datasheet HTML 33Page - ams AG AS5263 Datasheet HTML 34Page - ams AG AS5263 Datasheet HTML 35Page - ams AG AS5263 Datasheet HTML 36Page - ams AG AS5263 Datasheet HTML 37Page - ams AG AS5263 Datasheet HTML 38Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
34 - 37
AS5263
Datasheet - Pack a ge Drawin gs and Ma r k ings
9 Package Drawings and Markings
The device is available in a 32-pin QFN (7x7mm) package.
Figure 28. Package Drawings and Dimensions
Marking: YYWWIZZ.
Note:
IC’s marked with a white dot or the letters “ES” denote Engineering samples.
YY
WW
I
ZZ
Last two digits of the Manufacturing Year
Manufacturing Week
Plant Identifier
Traceability Code
AS5263
YYWWIZZ
Symbol
Min
Typ
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
-
0.65
1.00
A3
-
0.20 REF
-
L
0.50
0.60
0.75
Θ
0º
14º
b
0.23
0.28
0.35
D
7.00 BSC
E
7.00 BSC
e
0.65 BSC
D1
6.75 BSC
E1
6.75 BSC
D2
4.70
4.80
4.90
E2
4.70
4.80
4.90
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N32
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M-
1994.
2. All dimensions are in miilimeters. Angles are in degrees.
3. Coplanarity applies to the exposed heat slug as well as the
terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com