Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5263 Datasheet(PDF) 9 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 9 Page - ams AG

Back Button AS5263 Datasheet HTML 5Page - ams AG AS5263 Datasheet HTML 6Page - ams AG AS5263 Datasheet HTML 7Page - ams AG AS5263 Datasheet HTML 8Page - ams AG AS5263 Datasheet HTML 9Page - ams AG AS5263 Datasheet HTML 10Page - ams AG AS5263 Datasheet HTML 11Page - ams AG AS5263 Datasheet HTML 12Page - ams AG AS5263 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
8 - 37
AS5263
Datasheet - Detailed Descr i pti on
7 Detailed Description
The AS5263 is manufactured in a CMOS process and uses a spinning current Hall technology for sensing the magnetic field distribution across
the surface of the chip.
The integrated Hall elements are placed around the center of the device and deliver a voltage representation of the magnetic field at the surface
of the IC.
Through Sigma-Delta Analog / Digital Conversion and Digital Signal-Processing (DSP) algorithms, the AS5263 provides accurate high-resolution
absolute angular position information. For this purpose a Coordinate Rotation Digital Computer (CORDIC) calculates the angle and the
magnitude of the Hall array signals.
The DSP is also used to provide digital information at the outputs that indicate movements of the used magnet towards or away from the device’s
surface.
A small low cost diametrically magnetized (two-pole) standard magnet provides the angular position information (see Figure 26).
The AS5263 senses the orientation of the magnetic field and calculates a 14-bit binary code. This code is mapped to a programmable output
characteristic. The type of output is programmable and can be selected as PWM or analog output. This signal is available at the pins 27, 28
(OUT_T, OUT_B).
The analog output and PWM output can be configured in many ways. The application angular region can be programmed in a user friendly way.
The starting angle T1 and the end point angle T2 can be set and programmed according the mechanical range of the application with a
resolution of 14 bits. In addition the T1Y and T2Y parameter can be set and programmed according the application. The transition point 0 to 360
degree can be shifted using the break point parameter BP. This point is programmable with a high resolution of 14 bits of 360 degrees. The
voltage for clamping level low CLL and clamping level high CLH can be programmed with a resolution of 7 bits. Both levels are individually
adjustable.
These parameters are also used to adjust the PWM duty cycle.
The AS5263 provides also a compare function. The internal angular code is compared to a programmable level using hysteresis. The function is
available over the output pins 21, 22 (KDOWN_T, KDOWN_B).
The output parameters can be programmed in an OTP register. No additional voltage is required to program the AS5263. The setting may be
overwritten at any time and will be reset to default when power is cycled. To make the setting permanent, the OTP register must be programmed
by using a lock bit the content could be frozen for ever.
The AS5263 is tolerant to magnet misalignment and unwanted external magnetic fields due to differential measurement technique and Hall
sensor conditioning circuitry.
It is also tolerant to air gap and temperature variations due to Sin-/Cos- signal evaluation.
The AS5263 is tolerant to magnet misalignment and magnetic stray fields due to differential measurement technique and Hall sensor
conditioning circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com