Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 5 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 5 Page - Altera Corporation

  5CSXFC6D Datasheet HTML 1Page - Altera Corporation 5CSXFC6D Datasheet HTML 2Page - Altera Corporation 5CSXFC6D Datasheet HTML 3Page - Altera Corporation 5CSXFC6D Datasheet HTML 4Page - Altera Corporation 5CSXFC6D Datasheet HTML 5Page - Altera Corporation 5CSXFC6D Datasheet HTML 6Page - Altera Corporation 5CSXFC6D Datasheet HTML 7Page - Altera Corporation 5CSXFC6D Datasheet HTML 8Page - Altera Corporation 5CSXFC6D Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Available Options
Figure 1: Sample Ordering Code and Available Options for Cyclone V E Devices
Family Signature
Embedded Hard IPs
Package Type
Package Code
Operating Temperature
FPGA Fabric Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
E : Enhanced logic/memory
B : No hard PCIe or hard
memory controller
F : No hard PCIe and maximum
2 hard memory controllers
5C : Cyclone V
F : FineLine BGA (FBGA)
U : Ultra FineLine BGA (UBGA)
M : Micro FineLine BGA (MBGA)
FBGA Package Type
17 : 256 pins
23 : 484 pins
27 : 672 pins
31 : 896 pins
UBGA Package Type
15 : 324 pins
19 : 484 pins
MBGA Package Type
13 : 383 pins
15 : 484 pins
C : Commercial (TJ = 0° C to 85° C)
I
: Industrial (TJ = -40° C to 100° C)
A : Automotive (TJ = -40° C to 125° C)
6 (fastest)
7
8
N : Lead-free packaging
Contact Altera for availability
of leaded options
ES : Engineering sample
5C
E
F
A9
F
31
C
7
N
Member Code
Family Variant
A2 : 25K logic elements
A4 : 49K logic elements
A5 : 77K logic elements
A7 : 149.5K logic elements
A9 : 301K logic elements
Maximum Resources
Table 4: Maximum Resource Counts for Cyclone V E Devices
Member Code
Resource
A9
A7
A5
A4
A2
301
149.5
77
49
25
Logic Elements (LE) (K)
113,560
56,480
29,080
18,480
9,434
ALM
454,240
225,920
116,320
73,920
37,736
Register
12,200
6,860
4,460
3,080
1,760
M10K
Memory (Kb)
1,717
836
424
303
196
MLAB
342
156
150
66
25
Variable-precision DSP Block
684
312
300
132
50
18 x 18 Multiplier
8
7
6
4
4
PLL
480
480
240
224
224
GPIO
120
120
60
56
56
Transmitter
LVDS
120
120
60
56
56
Receiver
2
2
2
1
1
Hard Memory Controller
Altera Corporation
Cyclone V Device Overview
Send Feedback
5
Available Options
CV-51001
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com