Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 14 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 14 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 10Page - Altera Corporation 5CSXFC6D Datasheet HTML 11Page - Altera Corporation 5CSXFC6D Datasheet HTML 12Page - Altera Corporation 5CSXFC6D Datasheet HTML 13Page - Altera Corporation 5CSXFC6D Datasheet HTML 14Page - Altera Corporation 5CSXFC6D Datasheet HTML 15Page - Altera Corporation 5CSXFC6D Datasheet HTML 16Page - Altera Corporation 5CSXFC6D Datasheet HTML 17Page - Altera Corporation 5CSXFC6D Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Member Code
Resource
C6
C5
C4
C2
2
(7)
2
(7)
2
2
PCIe Hard IP Block
1
1
1
1
FPGA Hard Memory Controller
1
1
1
1
HPS Hard Memory Controller
Dual-core
Dual-core
Dual-core
Dual-core
ARM Cortex-A9 MPCore Processor
Related Information
I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 13: Package Plan for Cyclone V SX Devices
The HPS I/O counts are the number of I/Os in the HPS and does not correlate with the number of HPS-specific I/O
pins in the FPGA. Each HPS-specific pin in the FPGA may be mapped to several HPS I/Os.
F896
(31 mm)
U672
(23 mm)
Member Code
XCVR
HPS I/O
FPGA GPIO
XCVR
HPS I/O
FPGA GPIO
—
—
—
6
181
145
C2
—
—
—
6
181
145
C4
9
181
288
6
181
145
C5
9
181
288
6
181
145
C6
Cyclone V ST
This section provides the available options, maximum resource counts, and package plan for the Cyclone V ST
devices.
The information in this section is correct at the time of publication. For the latest information and to get
more details, refer to the Altera Product Selector.
Related Information
Altera Product Selector
Provides the latest information about Altera products.
Available Options
The following figure shows sample ordering code and lists the options available for Cyclone V ST devices.
(7) 1 PCIe Hard IP Block in U672 package.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
Package Plan
14
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com