Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 10 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 10 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 6Page - Altera Corporation 5CSXFC6D Datasheet HTML 7Page - Altera Corporation 5CSXFC6D Datasheet HTML 8Page - Altera Corporation 5CSXFC6D Datasheet HTML 9Page - Altera Corporation 5CSXFC6D Datasheet HTML 10Page - Altera Corporation 5CSXFC6D Datasheet HTML 11Page - Altera Corporation 5CSXFC6D Datasheet HTML 12Page - Altera Corporation 5CSXFC6D Datasheet HTML 13Page - Altera Corporation 5CSXFC6D Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Member Code
Resource
D9
D7
D5
2
2
2
Hard Memory Controller
Related Information
I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 9: Package Plan for Cyclone V GT Devices
F1152
(35 mm)
F896
(31 mm)
F672
(27 mm)
F484
(23 mm)
U484
(19 mm)
M484
(15 mm)
M383
(13 mm)
M301
(11 mm)
Member
Code
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
—
—
—
—
6
336
6
240
6
224
—
—
6
175
4
129
D5
—
—
9
(4)
480
9
(4)
336
6
240
6
240
3
240
—
—
—
—
D7
12
(5)
560
12
(5)
480
9
(4)
336
6
224
5
240
—
—
—
—
—
—
D9
Cyclone V SE
This section provides the available options, maximum resource counts, and package plan for the Cyclone V SE
devices.
The information in this section is correct at the time of publication. For the latest information and to get
more details, refer to the Altera Product Selector.
Related Information
Altera Product Selector
Provides the latest information about Altera products.
Available Options
The following figure shows sample ordering code and lists the options available for Cyclone V SE devices.
(4) If you require CPRI (at 6.144 Gbps) and PCIe Gen2 transmit jitter compliance, Altera recommends that you
use only up to three full-duplex transceiver channels for CPRI, and up to six full-duplex channels for PCIe
Gen2. The CMU channels are not considered full-duplex channels.
(5) If you require CPRI (at 6.144 Gbps) and PCIe Gen2 transmit jitter compliance, Altera recommends that you
use only up to three full-duplex transceiver channels for CPRI, and up to eight full-duplex channels for PCIe
Gen2. The CMU channels are not considered full-duplex channels.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
Package Plan
10
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com