Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 1 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 1 Page - Altera Corporation

  5CSXFC6D Datasheet HTML 1Page - Altera Corporation 5CSXFC6D Datasheet HTML 2Page - Altera Corporation 5CSXFC6D Datasheet HTML 3Page - Altera Corporation 5CSXFC6D Datasheet HTML 4Page - Altera Corporation 5CSXFC6D Datasheet HTML 5Page - Altera Corporation 5CSXFC6D Datasheet HTML 6Page - Altera Corporation 5CSXFC6D Datasheet HTML 7Page - Altera Corporation 5CSXFC6D Datasheet HTML 8Page - Altera Corporation 5CSXFC6D Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Cyclone V Device Overview
2013.12.26
CV-51001
Subscribe
Send Feedback
The Cyclone
® V devices are designed to simultaneously accommodate the shrinking power consumption,
cost, and time-to-market requirements; and the increasing bandwidth requirements for high-volume and
cost-sensitive applications.
Enhanced with integrated transceivers and hard memory controllers, the Cyclone V devices are suitable for
applications in the industrial, wireless and wireline, military, and automotive markets.
Related Information
Cyclone V Device Handbook: Known Issues
Lists the planned updates to the Cyclone V Device Handbook chapters.
Key Advantages of Cyclone V Devices
Table 1: Key Advantages of the Cyclone V Device Family
Supporting Feature
Advantage
• Built on TSMC's 28 nm low-power (28LP) process technology
and includes an abundance of hard intellectual property (IP)
blocks
• Up to 40% lower power consumption than the previous
generation device
Lower power consumption
• 8-input adaptive logic module (ALM)
• Up to 13.59 megabits (Mb) of embedded memory
• Variable-precision digital signal processing (DSP) blocks
Improved logic integration and
differentiation capabilities
• 3.125 gigabits per second (Gbps) and 6.144 Gbps transceivers
• Hard memory controllers
Increased bandwidth capacity
• Tight integration of a dual-core ARM Cortex-A9 MPCore
processor, hard IP, and an FPGA in a single Cyclone V system-
on-a-chip (SoC)
• Supports over 128 Gbps peak bandwidth with integrated data
coherency between the processor and the FPGA fabric
Hard processor system (HPS) with
integrated ARM
® Cortex™-A9 MPCore
processor
ISO
9001:2008
Registered
© 2013 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words
and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other
words and logos identified as trademarks or service marks are the property of their respective holders as described at
www.altera.com/common/legal.html. Altera warrants performance of its semiconductor products to current specifications in accordance with
Altera's standard warranty, but reserves the right to make changes to any products and services at any time without notice. Altera assumes
no responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly
agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
www.altera.com
101 Innovation Drive, San Jose, CA 95134


Similar Part No. - 5CSXFC6D

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
5CSXFC6D6F31C6N INTEL-5CSXFC6D6F31C6N Datasheet
945Kb / 93P
Cyclone V Device Datasheet
5CSXFC6D6F31C7N INTEL-5CSXFC6D6F31C7N Datasheet
945Kb / 93P
Cyclone V Device Datasheet
5CSXFC6D6F31C8N INTEL-5CSXFC6D6F31C8N Datasheet
945Kb / 93P
Cyclone V Device Datasheet
5CSXFC6D6F31I7N INTEL-5CSXFC6D6F31I7N Datasheet
945Kb / 93P
Cyclone V Device Datasheet
More results

Similar Description - 5CSXFC6D

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5CEBA2U19C8N ALTERA-5CEBA2U19C8N Datasheet
1Mb / 58P
Cyclone V Device Datasheet
5CEFA7F23I7N ALTERA-5CEFA7F23I7N Datasheet
1Mb / 58P
Cyclone V Device Datasheet
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
Advantages of the W199 Power Relay
logo
Altera Corporation
5AGXFB7K4F40I3N ALTERA-5AGXFB7K4F40I3N Datasheet
522Kb / 39P
Key Advantages of Arria V Devices
5CGXFC7D6 ALTERA-5CGXFC7D6 Datasheet
497Kb / 35P
Key Advantages of Cyclone V Devices
logo
Cymbet Corporation
WP-72-08 CYMBET-WP-72-08 Datasheet
455Kb / 12P
The 8 Key Competitive Advantages of Solid State Batteries
logo
IXYS Corporation
AN-145 IXYS-AN-145 Datasheet
199Kb / 11P
Advantages of Solid-State Relays
logo
Exar Corporation
AN-207 EXAR-AN-207 Datasheet
177Kb / 6P
ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
Cyclone V Device Datasheet
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
Cyclone V Device Overview
February 2012 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com