Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 16 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 16 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 12Page - Altera Corporation 5CSXFC6D Datasheet HTML 13Page - Altera Corporation 5CSXFC6D Datasheet HTML 14Page - Altera Corporation 5CSXFC6D Datasheet HTML 15Page - Altera Corporation 5CSXFC6D Datasheet HTML 16Page - Altera Corporation 5CSXFC6D Datasheet HTML 17Page - Altera Corporation 5CSXFC6D Datasheet HTML 18Page - Altera Corporation 5CSXFC6D Datasheet HTML 19Page - Altera Corporation 5CSXFC6D Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Member Code
Resource
D6
D5
1
1
HPS Hard Memory Controller
Dual-core
Dual-core
ARM Cortex-A9 MPCore Processor
Related Information
I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 15: Package Plan for Cyclone V ST Devices
The HPS I/O counts are the number of I/Os in the HPS and does not correlate with the number of HPS-specific I/O
pins in the FPGA. Each HPS-specific pin in the FPGA may be mapped to several HPS I/Os.
F896
(31 mm)
Member Code
XCVR
HPS I/O
FPGA GPIO
9
(9)
181
288
D5
9
(9)
181
288
D6
(9) If you require CPRI (at 4.9152 Gbps) and PCIe Gen2 transmit jitter compliance, Altera recommends that you
use only up to seven full-duplex transceiver channels for CPRI, and up to six full-duplex channels for PCIe
Gen2. The CMU channels are not considered full-duplex channels.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
Package Plan
16
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com