Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 26 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 26 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 22Page - Altera Corporation 5CSXFC6D Datasheet HTML 23Page - Altera Corporation 5CSXFC6D Datasheet HTML 24Page - Altera Corporation 5CSXFC6D Datasheet HTML 25Page - Altera Corporation 5CSXFC6D Datasheet HTML 26Page - Altera Corporation 5CSXFC6D Datasheet HTML 27Page - Altera Corporation 5CSXFC6D Datasheet HTML 28Page - Altera Corporation 5CSXFC6D Datasheet HTML 29Page - Altera Corporation 5CSXFC6D Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Capability
Features
Allows the reconfiguration of a single channel without affecting the
operation of other channels
Transceiver dynamic reconfigura-
tion
PCS Features
The Cyclone V core logic connects to the PCS through an 8, 10, 16, 20, 32, or 40 bit interface, depending on
the transceiver data rate and protocol. Cyclone V devices contain PCS hard IP to support PCIe Gen1 and
Gen2, Gbps Ethernet (GbE), Serial RapidIO
® (SRIO), and Common Public Radio Interface (CPRI).
Most of the standard and proprietary protocols from 614 Mbps to 6.144 Gbps are supported.
Table 23: Transceiver PCS Features for Cyclone V Devices
Receiver Data Path Feature
Transmitter Data Path Feature
Data Rates(Gbps)
PCS Support
• Word aligner
• Deskew FIFO
• Rate-match FIFO
• 8B/10B decoder
• Byte deserializer
• Byte ordering
• Receiver phase compensa-
tion FIFO
• Phase compensation FIFO
• Byte serializer
• 8B/10B encoder
• Transmitter bit-slip
0.614 to 6.144
3-Gbps and 6-Gbps
Basic
• Dedicated PCIe PHY IP
core
• PIPE 2.0 interface to the
core logic
• Dedicated PCIe PHY IP core
• PIPE 2.0 interface to the core
logic
2.5 and 5.0
PCIe Gen1
(x1, x2, x4)
PCIe Gen2
( x1, x2, x4)
(10)
• Custom PHY IP core with
preset feature
• GbE receiver synchroniza-
tion state machine
• Custom PHY IP core with
preset feature
• GbE transmitter synchroniza-
tion state machine
1.25
GbE
• Dedicated XAUI PHY IP
core
• XAUI synchronization state
machine for realigning four
channels
• Dedicated XAUI PHY IP core
• XAUI synchronization state
machine for bonding four
channels
3.125
XAUI
(11)
3.75
HiGig
(10) PCIe Gen2 is supported only for Cyclone V GT devices. The PCIe Gen2 x4 support is PCIe-compatible.
(11) XAUI is supported through the soft PCS.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
PCS Features
26
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com