Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 23 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 23 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 19Page - Altera Corporation 5CSXFC6D Datasheet HTML 20Page - Altera Corporation 5CSXFC6D Datasheet HTML 21Page - Altera Corporation 5CSXFC6D Datasheet HTML 22Page - Altera Corporation 5CSXFC6D Datasheet HTML 23Page - Altera Corporation 5CSXFC6D Datasheet HTML 24Page - Altera Corporation 5CSXFC6D Datasheet HTML 25Page - Altera Corporation 5CSXFC6D Datasheet HTML 26Page - Altera Corporation 5CSXFC6D Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
The PCIe hard IP supports PCIe Gen2 and Gen1 end point and root port for up to x4 lane configuration.
The PCIe Gen2 x4 support is PCIe-compatible.
The PCIe endpoint support includes multifunction support for up to eight functions, as shown in the
following figure. The integrated multifunction support reduces the FPGA logic requirements by up to
20,000 LEs for PCIe designs that require multiple peripherals.
Figure 9: PCIe Multifunction for Cyclone V Devices
PCIe Link
External System
FPGA Device
Host CPU
Root
Complex
Local
Peripheral 1
Local
Peripheral 2
The Cyclone V PCIe hard IP operates independently from the core logic. This independent operation allows
the PCIe link to wake up and complete link training in less than 100 ms while the Cyclone V device completes
loading the programming file for the rest of the device.
In addition, the PCIe hard IP in the Cyclone V device provides improved end-to-end datapath protection
using ECC.
External Memory Interface
This section provides an overview of the external memory interface in Cyclone V devices.
Hard and Soft Memory Controllers
Cyclone V devices support up to two hard memory controllers for DDR3, DDR2, and LPDDR2 SDRAM
devices. Each controller supports 8 to 32 bit components of up to 4 gigabits (Gb) in density with two chip
selects and optional ECC. For the Cyclone V SoC devices, an additional hard memory controller in the HPS
supports DDR3, DDR2, and LPDDR2 SDRAM devices.
All Cyclone V devices support soft memory controllers for DDR3, DDR2, and LPDDR2 SDRAM devices
for maximum flexibility.
External Memory Performance
Table 20: External Memory Interface Performance in Cyclone V Devices
The maximum and minimum operating frequencies depend on the memory interface standards and the supported
delay-locked loop (DLL) frequency listed in the device datasheet.
Minimum Frequency (MHz)
Maximum Frequency (MHz)
Voltage
(V)
Interface
Soft Controller
Hard Controller
303
303
400
1.5
DDR3 SDRAM
303
303
400
1.35
Altera Corporation
Cyclone V Device Overview
Send Feedback
23
External Memory Interface
CV-51001
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com